Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2702 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2702
Description  TFT Panel Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2702 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM2702 Datasheet HTML 6Page - National Semiconductor (TI) LM2702 Datasheet HTML 7Page - National Semiconductor (TI) LM2702 Datasheet HTML 8Page - National Semiconductor (TI) LM2702 Datasheet HTML 9Page - National Semiconductor (TI) LM2702 Datasheet HTML 10Page - National Semiconductor (TI) LM2702 Datasheet HTML 11Page - National Semiconductor (TI) LM2702 Datasheet HTML 12Page - National Semiconductor (TI) LM2702 Datasheet HTML 13Page - National Semiconductor (TI) LM2702 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Typical Performance Characteristics (Continued)
SWI Current vs. SWI Voltage
(PMOS ON)
SWI Current vs. SWI Voltage
(PMOS OFF)
20051167
20051168
Load Transient Response
PMOS Switching Waveform
20051116
VOUT = 8V, VIN = 2.5V
1) Load, 20mA to 155mA to 20mA, DC
2) VOUT, 200mV/div, AC
3) IL, 500mA/div, DC
T = 50µs/div
20051158
VOUT = 8V, VIN = 2.5V, RLOAD =40Ω,CSS = none
CD = 100nF, RSW = 10k\1.5k, SWI = 30V, 10% duty cycle
1) SWC, 1V/div, DC
2) SWO, 10V/div, DC
T = 2.5µs/div
PMOS Rising Edge
PMOS Falling Edge
20051159
VOUT = 8V, VIN = 2.5V, RLOAD =40Ω,CSS = none
CD = 100nF, RSW = 10k\1.5k, SWI = 30V
1) SWC, 1V/div, DC
2) SWO, 10V/div, DC
T = 50ns/div
20051160
VOUT = 8V, VIN = 2.5V, RLOAD =40Ω,CSS = none
CD = 100nF, RSW = 10k\1.5k, SWI = 30V
1) SWC, 1V/div, DC
2) SWO, 10V/div, DC
T = 50ns/div
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com