Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2703 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2703
Description  Micropower Step-up DC/DC Converter with 350mA Peak Current Limit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2703 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2703 Datasheet HTML 1Page - National Semiconductor (TI) LM2703 Datasheet HTML 2Page - National Semiconductor (TI) LM2703 Datasheet HTML 3Page - National Semiconductor (TI) LM2703 Datasheet HTML 4Page - National Semiconductor (TI) LM2703 Datasheet HTML 5Page - National Semiconductor (TI) LM2703 Datasheet HTML 6Page - National Semiconductor (TI) LM2703 Datasheet HTML 7Page - National Semiconductor (TI) LM2703 Datasheet HTML 8Page - National Semiconductor (TI) LM2703 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LM2703
Micropower Step-up DC/DC Converter with 350mA Peak
Current Limit
General Description
The LM2703 is a micropower step-up DC/DC in a small
5-lead SOT-23 package. A current limited, fixed off-time
control scheme conserves operating current resulting in high
efficiency over a wide range of load conditions. The 21V
switch allows for output voltages as high as 20V. The low
400ns off-time permits the use of tiny, low profile inductors
and capacitors to minimize footprint and cost in space-
conscious portable applications. The LM2703 is ideal for
LCD panels requiring low current and high efficiency as well
as white LED applications for cellular phone back-lighting.
The LM2703 can drive up to 4 white LEDs from a single
Li-Ion battery.
Features
n
350mA, 0.7
Ω, internal switch
n
Uses small surface mount components
n
Adjustable output voltage up to 20V
n
2.2V to 7V input range
n
Input undervoltage lockout
n
0.01µA shutdown current
n
Small 5-Lead SOT-23 package
Applications
n
LCD Bias Supplies
n
White LED Back-Lighting
n
Handheld Devices
n
Digital Cameras
n
Portable Applications
Typical Application Circuit
20030601
FIGURE 1. Typical 20V Application
April 2003
© 2003 National Semiconductor Corporation
DS200306
www.national.com


Similar Part No. - LM2703

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2703 TI2-LM2703 Datasheet
679Kb / 20P
LM2703 Micropower Step-Up DC/DC Converter with 350mA Peak Current Limit
REVISED MAY 2013
LM2703MF-ADJ TI1-LM2703MF-ADJ Datasheet
1,015Kb / 19P
LM2703 Micropower Step-Up DC/DC Converter with 350mA Peak Current Limit
LM2703MF-ADJ/NOPB TI1-LM2703MF-ADJ/NOPB Datasheet
1,015Kb / 19P
LM2703 Micropower Step-Up DC/DC Converter with 350mA Peak Current Limit
LM2703MF-ADJ/NOPB TI2-LM2703MF-ADJ/NOPB Datasheet
679Kb / 20P
LM2703 Micropower Step-Up DC/DC Converter with 350mA Peak Current Limit
REVISED MAY 2013
LM2703MF-ADJ/NOPB.A TI2-LM2703MF-ADJ/NOPB.A Datasheet
679Kb / 20P
LM2703 Micropower Step-Up DC/DC Converter with 350mA Peak Current Limit
REVISED MAY 2013
More results

Similar Description - LM2703

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2704 NSC-LM2704 Datasheet
312Kb / 11P
Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
logo
Linear Technology
LT1316 LINER-LT1316 Datasheet
344Kb / 16P
Micropower DC/DC Converter with Programmable Peak Current Limit
logo
National Semiconductor ...
LM2705 NSC-LM2705 Datasheet
367Kb / 11P
Micropower Step-up DC/DC Converter with 150mA Peak Current Limit
LM2705 NSC-LM2705_07 Datasheet
322Kb / 12P
Micropower Step-up DC/DC Converter with 150mA Peak Current Limit
logo
Linear Technology
LTC3125 LINER-LTC3125 Datasheet
297Kb / 16P
1.2A Synchronous Step-Up DC/DC Converter with Input Current Limit
logo
Texas Instruments
LM2703MFX-ADJ TI1-LM2703MFX-ADJ Datasheet
1,015Kb / 19P
LM2703 Micropower Step-Up DC/DC Converter with 350mA Peak Current Limit
LM2704 TI1-LM2704 Datasheet
1Mb / 18P
Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
logo
Linear Technology
LT1316 LINER-LT1316_15 Datasheet
311Kb / 16P
Micropower DC/DC Converter with Programmable Peak Current Limit
logo
Texas Instruments
LM2704 TI1-LM2704_15 Datasheet
1,006Kb / 19P
LM2704 Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
LM2705 TI1-LM2705 Datasheet
1Mb / 20P
LM2705 Micropower Step-up DC/DC Converter with 150mA Peak Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com