Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M685 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # M685
Description  DUAL SAW, SELECTABLE FREQUENCY VCSO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M685 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  M685 Datasheet HTML 1Page - Integrated Circuit Systems M685 Datasheet HTML 2Page - Integrated Circuit Systems M685 Datasheet HTML 3Page - Integrated Circuit Systems M685 Datasheet HTML 4Page - Integrated Circuit Systems M685 Datasheet HTML 5Page - Integrated Circuit Systems M685 Datasheet HTML 6Page - Integrated Circuit Systems M685 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
M685 Datasheet Rev 0.4
5 of 7
Revised 16Nov2004
Integr ated Circuit Systems , Inc. ● Netw o r ki ng & C o mmun ica t io ns ● ww w. icst.com ● tel (5 08) 85 2-54 00
M685
DUAL SAW, SELECTABLE FREQUENCY VCSO
Preliminar y In f o r m atio n
Integrated
Circuit
Systems, Inc.
PARAMETER MEASUREMENT INFORMATION
Output Rise and Fall Time
Figure 3: Output Rise and Fall Time
Output Duty Cycle
Figure 4: Output Duty Cycle
DEVICE PACKAGE - 5 x 7.5mm SMT (Surface Mount) Package
Mechanical Dimensions:
Figure 5: Device Package - 5 x 7.5mm SMT (Surface Mount) Package
20%
80%
tR
20%
tF
80%
Clock
Outputs
VP-P
tPW
tPERIOD
(Output Pulse Width)
tPERIOD
tPW
odc =
nFOUT
FOUT
Dimensions are in mm;
dimensions in [ ] are in inches
Unless otherwise specified, all
dimensions are
±0.13 [0.005]
ICSM685
-02-AA-AH



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com