Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3001 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP3001
Description  2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3001 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP3001 Datasheet HTML 13Page - Microchip Technology MCP3001 Datasheet HTML 14Page - Microchip Technology MCP3001 Datasheet HTML 15Page - Microchip Technology MCP3001 Datasheet HTML 16Page - Microchip Technology MCP3001 Datasheet HTML 17Page - Microchip Technology MCP3001 Datasheet HTML 18Page - Microchip Technology MCP3001 Datasheet HTML 19Page - Microchip Technology MCP3001 Datasheet HTML 20Page - Microchip Technology MCP3001 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
  0L.UR.KLS 7H.KQRORJ\ ,Q.
'6%SDJH 
!

0DLQWDLQLQJ 0LQLPXP &OR.N 6SHHG
:KHQ WKH 0&3 LQLWLDWHV WKH VDPSOH SHULRG .KDUJH
LV VWRUHG RQ WKH VDPSOH .DSD.LWRU :KHQ WKH VDPSOH
SHULRG LV .RPSOHWH WKH GHYL.H .RQYHUWV RQH ELW IRU HD.K
.OR.N WKDW LV UH.HLYHG ,W LV LPSRUWDQW IRU WKH XVHU WR QRWH
WKDWDVORZ.OR.NUDWHZLOO DOORZ .KDUJH WREOHHGRII WKH
VDPSOH .DS ZKLOH WKH .RQYHUVLRQ LV WDNLQJ SOD.H $W
ƒ& ZRUVW .DVH .RQGLWLRQ WKH SDUW ZLOO PDLQWDLQ
SURSHU .KDUJH RQ WKH VDPSOH .DS IRU  —V DW
9'' 9 DQG  PV DW 9'' 97KLV PHDQV WKDW DW
9'' 9 WKH WLPH LW WDNHV WR WUDQVPLW WKH ILUVW 
.OR.NV PXVW QRW H[.HHG  —V )DLOXUH WR PHHW WKLV .UL
WHULRQ PD\ LQGX.H OLQHDULW\ HUURUV LQWR WKH .RQYHUVLRQ
RXWVLGH WKH UDWHGVSH.LIL.DWLRQV

%XIIHULQJ)LOWHULQJ WKH $QDORJ ,QSXWV
,I WKH VLJQDO VRXU.H IRU WKH $'& LV QRW D ORZ LPSHGDQ.H
VRXU.H LW ZLOO KDYH WR EH EXIIHUHG RU LQD..XUDWH .RQYHU
VLRQ UHVXOWV PD\ R..XU 6HH )LJXUH  ,W LV DOVR UH.
RPPHQGHG WKDW D ILOWHU EH XVHG WR HOLPLQDWH DQ\ VLJQDOV
WKDW PD\ EH DOLDVHG ED.N LQWR WKH .RQYHUVLRQ UHVXOWV
7KLV LV LOOXVWUDWHG LQ )LJXUH  ZKHUH DQ RS DPS LV
XVHG WR GULYH ILOWHU DQG JDLQ WKH DQDORJ LQSXW RI WKH
0&3 7KLV DPSOLILHU SURYLGHV D ORZ LPSHGDQ.H
VRXU.H IRU WKH .RQYHUWHU LQSXW DQG D ORZ SDVV ILOWHU
ZKL.K HOLPLQDWHV XQZDQWHG KLJK IUHTXHQ.\ QRLVH
/RZ SDVV DQWLDOLDVLQJ ILOWHUV .DQ EH GHVLJQHG XVLQJ
0L.UR.KLS¶V LQWHUD.WLYH )LOWHU/DEŒ VRIWZDUH )LOWHU/DE
ZLOO .DO.XODWH .DSD.LWRU DQG UHVLVWRU YDOXHV DV ZHOO DV
GHWHUPLQH WKH QXPEHU RI SROHV WKDW DUH UHTXLUHG IRU WKH
DSSOL.DWLRQ )RU PRUH LQIRUPDWLRQ RQ ILOWHULQJ VLJQDOV
VHH WKH DSSOL.DWLRQ QRWH $1 ³$QWL$OLDVLQJ $QDORJ
)LOWHUV IRU 'DWD $.TXLVLWLRQ 6\VWHPV´
),*85(  7KH 0&3 RSHUDWLRQDO DPSOLILHU LV
XVHG WR LPSOHPHQW D QG RUGHU DQWLDOLDVLQJ ILOWHU IRU
WKHVLJQDO EHLQJ .RQYHUWHG E\ WKH 0&3

/D\RXW &RQVLGHUDWLRQV
:KHQ OD\LQJ RXW D SULQWHG .LU.XLW ERDUG IRU XVH ZLWK
DQDORJ .RPSRQHQWV .DUH VKRXOG EH WDNHQ WR UHGX.H
QRLVH ZKHUHYHU SRVVLEOH $ E\SDVV .DSD.LWRU VKRXOG
DOZD\VEH XVHG ZLWK WKLV GHYL.H DQG VKRXOG EH SOD.HG
DV .ORVH DV SRVVLEOH WR WKH GHYL.H SLQ $ E\SDVV .DSD.
LWRU YDOXH RI  —) LV UH.RPPHQGHG
'LJLWDO DQG DQDORJ WUD.HV VKRXOG EH VHSDUDWHG DV PX.K
DV SRVVLEOH RQ WKH ERDUG DQG QR WUD.HV VKRXOG UXQ
XQGHUQHDWK WKH GHYL.H RU WKH E\SDVV .DSD.LWRU ([WUD
SUH.DXWLRQV VKRXOG EH WDNHQ WR NHHS WUD.HV ZLWK KLJK
IUHTXHQ.\ VLJQDOV VX.K DV .OR.N OLQHV DV IDU DV SRVVL
EOHIURP DQDORJ WUD.HV
8VH RI DQ DQDORJ JURXQG SODQH LV UH.RPPHQGHG LQ
RUGHU WR NHHS WKH JURXQG SRWHQWLDO WKH VDPH IRU DOO
GHYL.HV RQ WKH ERDUG 3URYLGLQJ 9'' .RQQH.WLRQV WR
GHYL.HV LQ D³VWDU´ .RQILJXUDWLRQ.DQDOVR UHGX.HQRLVH
E\ HOLPLQDWLQJ .XUUHQW UHWXUQ SDWKV DQG DVVR.LDWHG
HUURUV 6HH)LJXUH )RU PRUHLQIRUPDWLRQRQ OD\RXW
WLSVZKHQXVLQJ$'& UHIHU WR $1 ³/D\RXW 7LSVIRU
%LW $' &RQYHUWHU $SSOL.DWLRQV´
),*85(  9 WUD.HV DUUDQJHG LQ D µ6WDU¶
.RQILJXUDWLRQ LQ RUGHU WR UHGX.H HUURUV .DXVHG E\
.XUUHQW UHWXUQ SDWKV
0&3
9''
 —)
,1
,1

9,1
&
&
95()
9
5HIHUHQ.H
—)
 —)
 —)
0&3
5
5
5
5
0&3
&/
9''
&RQQH.WLRQ
'HYL.H 
'HYL.H 
'HYL.H 
'HYL.H 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com