Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9501 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCA9501
Description  8-bit I2C and SMBus I/O port with interrupt, 2-kbit EEPROM and 6 address pins
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9501 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCA9501 Datasheet HTML 13Page - NXP Semiconductors PCA9501 Datasheet HTML 14Page - NXP Semiconductors PCA9501 Datasheet HTML 15Page - NXP Semiconductors PCA9501 Datasheet HTML 16Page - NXP Semiconductors PCA9501 Datasheet HTML 17Page - NXP Semiconductors PCA9501 Datasheet HTML 18Page - NXP Semiconductors PCA9501 Datasheet HTML 19Page - NXP Semiconductors PCA9501 Datasheet HTML 20Page - NXP Semiconductors PCA9501 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Philips Semiconductors
Product data
PCA9501
8-bit I2C and SMBus I/O port with interrupt,
2-kbit EEPROM and 6 address pins
2003 Sep 12
17
handbook, full pagewidth
SCL
SDA
MBD820
BIT 0
LSB
(R/W)
t
HD;STA
t
SU;DAT
t
HD;DAT
t
VD;DAT
t
SU;STO
t
f
r
t
t
BUF
t
SU;STA
1 / f
SCL
START
CONDITION
(S)
BIT 7
MSB
(A7)
BIT 6
(A6)
ACKNOWLEDGE
(A)
STOP
CONDITION
(P)
SW00561
PROTOCOL
Figure 22.
POWER-UP TIMING
SYMBOL
PARAMETER
MAX.
UNIT
tPUR1
Power-up to Read Operation
1
ms
tPUW1
Power-up to Write Operation
5
ms
NOTE:
1. tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated. These parameters are
guaranteed by design.
WRITE CYCLE LIMITS
SYMBOL
PARAMETER
MIN.
TYP. (5)
MAX.
UNIT
tWR1
Write Cycle Time
—
5
10
ms
NOTE:
1. tWR is the maximum time that the device requires to perform the internal write operation.
Write Cycle Timing
SCL
SDA
8th Bit
Word n
ACK
Stop
Condition
Start
Condition
MEMORY
ADDRESS
tWR
SW00560
Figure 23.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com