Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2725 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2725
Description  High Speed Synchronous MOSFET Drivers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2725 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2725 Datasheet HTML 1Page - National Semiconductor (TI) LM2725 Datasheet HTML 2Page - National Semiconductor (TI) LM2725 Datasheet HTML 3Page - National Semiconductor (TI) LM2725 Datasheet HTML 4Page - National Semiconductor (TI) LM2725 Datasheet HTML 5Page - National Semiconductor (TI) LM2725 Datasheet HTML 6Page - National Semiconductor (TI) LM2725 Datasheet HTML 7Page - National Semiconductor (TI) LM2725 Datasheet HTML 8Page - National Semiconductor (TI) LM2725 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LM2725/LM2726
High Speed Synchronous MOSFET Drivers
General Description
The LM2725/LM2726 is a family of dual MOSFET drivers
that can drive both the top MOSFET and bottom MOSFET in
a push-pull structure simultaneously. It takes a logic level
PWM input and splits it into two complimentary signals with
a
typical
20ns
dead
time
in
between. The
built-in
shoot-through protection circuitry prevents the top and bot-
tom FETs from turning on simultaneously. With a bias volt-
age of 5V, the peak sourcing and sinking current for each
driver of the LM2725 is about 1.2A and that of the LM2726 is
about 3A. In an SO-8 package, each driver is able to handle
50mA
average
current.
Input
UVLO
(Under-Voltage-Lock-Out) ensures that all the driver outputs
stay low until the supply rail exceeds the power-on threshold
during system power on, or after the supply rail drops below
power-on threshold by a specified hysteresis during system
power down. The cross-conduction protection circuitry de-
tects both the driver outputs and will not turn on a driver until
the other driver output is low. The top gate bias voltage
needed by the top MOSFET can be obtained through an
external bootstrap structure. Minimum pulse width is as low
as 55ns.
Features
n
High peak output current
n
Adaptive shoot-through protection
n
36V SW pin absolute maximum voltage
n
Input Under-Voltage-Lock-Out
n
Typical 20ns internal delay
n
Plastic 8-pin SO package
Applications
n
High Current DC/DC Power Supplies
n
High Input Voltage Switching Regulators
n
Microprocessors
Typical Application
Connection Diagram
DS200072-1
8-Lead Small Outline Package
DS200072-2
Top View
November 2000
© 2000 National Semiconductor Corporation
DS200072
www.national.com


Similar Part No. - LM2725

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2725 TI1-LM2725 Datasheet
780Kb / 16P
LM2725/LM2726 High Speed Synchronous MOSFET Drivers
More results

Similar Description - LM2725

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1412 TELCOM-TC1412 Datasheet
66Kb / 5P
2A HIGH-SPEED MOSFET DRIVERS
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
DUAL HIGH-SPEED MOSFET DRIVERS
logo
Calogic, LLC
CLM4420 CALOGIC-CLM4420 Datasheet
77Kb / 6P
High Speed MOSFET Drivers
logo
Linear Technology
LTC4442 LINER-LTC4442 Datasheet
161Kb / 12P
High Speed Synchronous N-Channel MOSFET Drivers
LTC4443 LINER-LTC4443 Datasheet
145Kb / 12P
High Speed Synchronous N-Channel MOSFET Drivers
logo
Calogic, LLC
AS4420 CALOGIC-AS4420_15 Datasheet
443Kb / 6P
High Speed MOSFET Drivers
logo
Linear Technology
LTC4442 LINER-LTC4442_15 Datasheet
184Kb / 14P
High Speed Synchronous N-Channel MOSFET Drivers
LTC4442-1 LINER-LTC4442-1_15 Datasheet
184Kb / 14P
High Speed Synchronous N-Channel MOSFET Drivers
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
logo
Texas Instruments
LM2725 TI1-LM2725 Datasheet
780Kb / 16P
LM2725/LM2726 High Speed Synchronous MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com