Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7710FDW Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7710FDW
Description  ISO7710 High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7710FDW Datasheet(HTML) 8 Page - Texas Instruments

Back Button ISO7710FDW Datasheet HTML 4Page - Texas Instruments ISO7710FDW Datasheet HTML 5Page - Texas Instruments ISO7710FDW Datasheet HTML 6Page - Texas Instruments ISO7710FDW Datasheet HTML 7Page - Texas Instruments ISO7710FDW Datasheet HTML 8Page - Texas Instruments ISO7710FDW Datasheet HTML 9Page - Texas Instruments ISO7710FDW Datasheet HTML 10Page - Texas Instruments ISO7710FDW Datasheet HTML 11Page - Texas Instruments ISO7710FDW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
8
ISO7710
SLLSER9A – NOVEMBER 2016 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: ISO7710
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.8 Safety Limiting Values
Safety limiting intends to minimize potential damage to the isolation barrier upon failure of input or output circuitry. A failure of
the I/O can allow low resistance to ground or the supply and, without current limiting, dissipate sufficient power to overheat
the die and damage the isolation barrier potentially leading to secondary system failures.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DW-16 Package
IS
Safety input, output, or supply
current
RθJA = 94.4 °C/W, VI = 5.5 V, TJ = 150°C, TA = 25°C,
see Figure 1
241
mA
RθJA = 94.4 °C/W, VI = 3.6 V, TJ = 150°C, TA = 25°C,
see Figure 1
368
RθJA = 94.4 °C/W, VI = 2.75 V, TJ = 150°C, TA = 25°C,
see Figure 1
482
PS
Safety input, output, or total
power
RθJA = 94.4 °C/W, TJ = 150°C, TA = 25°C, see Figure 2
1324
mW
TS
Maximum safety temperature
150
°C
D-8 Package
IS
Safety input, output, or supply
current
RθJA = 146.1 °C/W, VI = 5.5 V, TJ = 150°C, TA = 25°C,
see Figure 3
156
mA
RθJA = 146.1 °C/W, VI = 3.6 V, TJ = 150°C, TA = 25°C,
see Figure 3
238
RθJA = 146.1 °C/W, VI = 2.75 V, TJ = 150°C, TA = 25°C,
see Figure 3
311
PS
Safety input, output, or total
power
RθJA = 146.1 °C/W, TJ = 150°C, TA = 25°C, see Figure 4
856
mW
TS
Maximum safety temperature
150
°C
The maximum safety temperature is the maximum junction temperature specified for the device. The power
dissipation and junction-to-air thermal impedance of the device installed in the application hardware determines
the junction temperature. The assumed junction-to-air thermal resistance in the Thermal Information table is that
of a device installed on a High-K test board for leaded surface mount packages. The power is the recommended
maximum input voltage times the current. The junction temperature is then the ambient temperature plus the
power times the junction-to-air thermal resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com