Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLCC32 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # PLCC32
Description  PLCC Outline Dimensions
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

PLCC32 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  PLCC32 Datasheet HTML 1Page - Holtek Semiconductor Inc PLCC32 Datasheet HTML 2Page - Holtek Semiconductor Inc PLCC32 Datasheet HTML 3Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PLCC Outline Dimensions
32-pin PLCC Outline Dimensions
Symbol
Dimensions in mil
Min.
Nom.
Max.
A
485
¾
495
B
445
¾
455
C
585
¾
595
D
545
¾
555
E
105
¾
115
F
¾¾
140
G15
¾¾
H
¾
50
¾
I16
¾
22
J24
¾
32
K8
¾
12
a
0°¾
10°
Package Information
4
1
3 0
5
2 9
1 3
1 4
2 0
2 1
A
B
E F
G
H
I
J
K
3 2
C
D


Similar Part No. - PLCC32

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
PLCC32AG ADAM-TECH-PLCC32AG Datasheet
120Kb / 1P
PLCC SOCKETS
PLCC32AGSMT ADAM-TECH-PLCC32AGSMT Datasheet
120Kb / 1P
PLASTIC LEADED CHIP CARRIER SOCKET SURFACE MOUNT
PLCC32AT ADAM-TECH-PLCC32AT Datasheet
120Kb / 1P
PLCC SOCKETS
PLCC32ATSMT ADAM-TECH-PLCC32ATSMT Datasheet
120Kb / 1P
PLASTIC LEADED CHIP CARRIER SOCKET SURFACE MOUNT
logo
List of Unclassifed Man...
PLCC32GN ETC1-PLCC32GN Datasheet
48Kb / 1P
PLASTIC LEADED CHIP CARRIER
More results

Similar Description - PLCC32

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP02002 DIODES-AP02002_1 Datasheet
775Kb / 36P
PACKAGE OUTLINE DIMENSIONS
Rev 50
logo
New Jersey Semi-Conduct...
1N3337 NJSEMI-1N3337 Datasheet
93Kb / 1P
CASE OUTLINE DIMENSIONS
logo
List of Unclassifed Man...
HT-210USD ETC2-HT-210USD Datasheet
732Kb / 2P
Package Outline Dimensions
logo
Galaxy Semi-Conductor H...
081029131240 BILIN-081029131240 Datasheet
37Kb / 1P
PACKAGE OUTLINE DIMENSIONS
081029132636 BILIN-081029132636 Datasheet
37Kb / 1P
PACKAGE OUTLINE DIMENSIONS
081029132758 BILIN-081029132758 Datasheet
37Kb / 1P
PACKAGE OUTLINE DIMENSIONS
081029133319 BILIN-081029133319 Datasheet
35Kb / 1P
PACKAGE OUTLINE DIMENSIONS
101116113633 BILIN-101116113633 Datasheet
62Kb / 1P
PACKAGE OUTLINE DIMENSIONS
SOT-89 BILIN-SOT-89 Datasheet
37Kb / 1P
PACKAGE OUTLINE DIMENSIONS
SOT-523 BILIN-SOT-523 Datasheet
37Kb / 1P
PACKAGE OUTLINE DIMENSIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com