Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S812C Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S812C
Description  HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S812C Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S812C Datasheet HTML 1Page - Seiko Instruments Inc S812C Datasheet HTML 2Page - Seiko Instruments Inc S812C Datasheet HTML 3Page - Seiko Instruments Inc S812C Datasheet HTML 4Page - Seiko Instruments Inc S812C Datasheet HTML 5Page - Seiko Instruments Inc S812C Datasheet HTML 6Page - Seiko Instruments Inc S812C Datasheet HTML 7Page - Seiko Instruments Inc S812C Datasheet HTML 8Page - Seiko Instruments Inc S812C Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Rev.1.0
HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
S-812C Series
Seiko Instruments Inc.
3
Table 2.2
S-812CxxA series (No short-circuit protection and no power-off function)
Output voltage
SOT-23-5
SOT-89-3
TO-92*
SOT-89-5
2.0 V
± 2.0%
S-812C20AMC-C2A-T2
S-812C20AUA-C2A-T2
S-812C20AY-X
2.1 V
± 2.0%
S-812C21AMC-C2B-T2
S-812C21AUA-C2B-T2
S-812C21AY-X
2.2 V
± 2.0%
S-812C22AMC-C2C-T2
S-812C22AUA-C2C-T2
S-812C22AY-X
2.3 V
± 2.0%
S-812C23AMC-C2D-T2
S-812C23AUA-C2D-T2
S-812C23AY-X
2.4 V
± 2.0%
S-812C24AMC-C2E-T2
S-812C24AUA-C2E-T2
S-812C24AY-X
2.5 V
± 2.0%
S-812C25AMC-C2F-T2
S-812C25AUA-C2F-T2
S-812C25AY-X
2.6 V
± 2.0%
S-812C26AMC-C2G-T2
S-812C26AUA-C2G-T2
S-812C26AY-X
2.7 V
± 2.0%
S-812C27AMC-C2H-T2
S-812C27AUA-C2H-T2
S-812C27AY-X
2.8 V
± 2.0%
S-812C28AMC-C2I-T2
S-812C28AUA-C2I-T2
S-812C28AY-X
2.9 V
± 2.0%
S-812C29AMC-C2J-T2
S-812C29AUA-C2J-T2
S-812C29AY-X
3.0 V
± 2.0%
S-812C30AMC-C2K-T2
S-812C30UA-C2K-T2
S-812C30AY-X
3.1 V
± 2.0%
S-812C31AMC-C2L-T2
S-812C31AUA-C2L-T2
S-812C31AY-X
3.2 V
± 2.0%
S-812C32AMC-C2M-T2
S-812C32AUA-C2M-T2
S-812C32AY-X
3.3 V
± 2.0%
S-812C33AMC-C2N-T2
S-812C33AUA-C2N-T2
S-812C33AY-X
3.4 V
± 2.0%
S-812C34AMC-C2O-T2
S-812C34AUA-C2O-T2
S-812C34AY-X
3.5 V
± 2.0%
S-812C35AMC-C2P-T2
S-812C35AUA-C2P-T2
S-812C35AY-X
3.6 V
± 2.0%
S-812C36AMC-C2Q-T2
S-812C36AUA-C2Q-T2
S-812C36AY-X
3.7 V
± 2.0%
S-812C37AMC-C2R-T2
S-812C37AUA-C2R-T2
S-812C37AY-X
3.8 V
± 2.0%
S-812C38AMC-C2S-T2
S-812C38AUA-C2S-T2
S-812C38AY-X
3.9 V
± 2.0%
S-812C39AMC-C2T-T2
S-812C39AUA-C2T-T2
S-812C39AY-X
4.0 V
± 2.0%
S-812C40AMC-C2U-T2
S-812C40AUA-C2U-T2
S-812C40AY-X
4.1 V
± 2.0%
S-812C41AMC-C2V-T2
S-812C41AUA-C2V-T2
S-812C41AY-X
4.2 V
± 2.0%
S-812C42AMC-C2W-T2
S-812C42AUA-C2W-T2
S-812C42AY-X
4.3 V
± 2.0%
S-812C43AMC-C2X-T2
S-812C43AUA-C2X-T2
S-812C43AY-X
4.4 V
± 2.0%
S-812C44AMC-C2Y-T2
S-812C44AUA-C2Y-T2
S-812C44AY-X
4.5 V
± 2.0%
S-812C45AMC-C2Z-T2
S-812C45AUA-C2Z-T2
S-812C45AY-X
4.6 V
± 2.0%
S-812C46AMC-C3A-T2
S-812C46AUA-C3A-T2
S-812C46AY-X
4.7 V
± 2.0%
S-812C47AMC-C3B-T2
S-812C47AUA-C3B-T2
S-812C47AY-X
4.8 V
± 2.0%
S-812C48AMC-C3C-T2
S-812C48AUA-C3C-T2
S-812C48AY-X
4.9 V
± 2.0%
S-812C49AMC-C3D-T2
S-812C49AUA-C3D-T2
S-812C49AY-X
5.0 V
± 2.0%
S-812C50AMC-C3E-T2
S-812C50AUA-C3E-T2
S-812C50AY-X
5.1 V
± 2.0%
S-812C51AMC-C3F-T2
S-812C51AUA-C3F-T2
S-812C51AY-X
5.2 V
± 2.0%
S-812C52AMC-C3G-T2
S-812C52AUA-C3G-T2
S-812C52AY-X
5.3 V
± 2.0%
S-812C53AMC-C3H-T2
S-812C53AUA-C3H-T2
S-812C53AY-X
5.4 V
± 2.0%
S-812C54AMC-C3I-T2
S-812C54AUA-C3I-T2
S-812C54AY-X
5.5 V
± 2.0%
S-812C55AMC-C3J-T2
S-812C55AUA-C3J-T2
S-812C55AY-X
5.6 V
± 2.0%
S-812C56AMC-C3K-T2
S-812C56AUA-C3K-T2
S-812C56AY-X
5.7 V
± 2.0%
S-812C57AUA-C3L-T2
S-812C57AY-X
5.8 V
± 2.0%
S-812C58AUA-C3M-T2
S-812C58AY-X
5.9 V
± 2.0%
S-812C59AUA-C3N-T2
S-812C59AY-X
6.0 V
± 2.0%
S-812C60AUA-C3O-T2
S-812C60AY-X
*: X changes according to the packing form in TO-92. Standard forms are B; Bulk and Z; Zigzag (tape and ammo).
If tape and reel (T) is needed, please contact SII sales office.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com