Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS60R092E Datasheet(PDF) 3 Page - SemiHow Co.,Ltd.

Part # HCS60R092E
Description  600V N-Channel Super Junction MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HCS60R092E Datasheet(HTML) 3 Page - SemiHow Co.,Ltd.

  HCS60R092E Datasheet HTML 1Page - SemiHow Co.,Ltd. HCS60R092E Datasheet HTML 2Page - SemiHow Co.,Ltd. HCS60R092E Datasheet HTML 3Page - SemiHow Co.,Ltd. HCS60R092E Datasheet HTML 4Page - SemiHow Co.,Ltd. HCS60R092E Datasheet HTML 5Page - SemiHow Co.,Ltd. HCS60R092E Datasheet HTML 6Page - SemiHow Co.,Ltd. HCS60R092E Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Typical Characteristics
Figure 1. On Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On Resistance Variation vs
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation with Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
0
2040
6080
100
10
0
10
1
10
2
10
3
10
4
10
5
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
V
GS = 0 V
f = 1 MHz
C
rss
C
iss
C
oss
V
DS, Drain-Source Voltage [V]
0
10
2030
4050
0
2
4
6
8
10
12
V
DS = 480V
I
D = 40A
Q
G, Total Gate Charge [nC]



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com