Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDM2F60G04FS Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # SDM2F60G04FS
Description  Ultra-Fast Soft Recovery Diode Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

SDM2F60G04FS Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  SDM2F60G04FS Datasheet HTML 1Page - SemiHow Co.,Ltd. SDM2F60G04FS Datasheet HTML 2Page - SemiHow Co.,Ltd. SDM2F60G04FS Datasheet HTML 3Page - SemiHow Co.,Ltd. SDM2F60G04FS Datasheet HTML 4Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
◎ SEMIHOW REV.A1,July 2015
SDM2F60G04FS
Ultra-Fast Soft Recovery Diode Module
July 2015
General Description
Ultra-FRD module devices are optimized to reduce
losses and EMI/RFI in high frequency power conditioning
electrical systems.
These diode modules are ideally suited for power
converters, motors drives and other applications where
switching losses are significant portion of the total losses
Absolute Maximum Ratings @T
C=25℃ (Per Leg)
Equivalent Circuit
Package : SOT-227L
Please see the package Out line information
Features
 Repetitive Reverse Voltage : VRRM = 400V
 Low Forward Voltage Drop : VF(typ.) = 1.0V
 Average Forward Current : IF(AV.) = 60A @ Tc = 100℃
 Ultra-Fast Reverse Recovery Time : trr(typ.) = 59 ns @ 60A
 Extensive Characterization of Recovery Parameters
 Reduced EMI and RFI
 Isolation Type Package
Applications
 Motor Drives, Free wheel use, High Power Converters, Welders.
 Various Switching and Telecommunication Power Supply.
Symbol
Parameter
Value
Unit
V
RRM
Repetitive Peak Reverse Voltage
400
V
V
R
Reverse DC Voltage
320
V
I
F(AV)
Average Forward Current
T
C = 25℃
120
A
T
C = 100℃
60
I
FSM
No Repetitive Surge Forward Current (1/2 cycle, sine)
600
A
I2t
I2t For Fusing (60Hz, sine, t=8.3ms, T
J = 25℃)
16.7 * 10
3
A2s
T
J
Junction Temperature
-40 to +150
℃
T
STG
Storage Temperature
-40 to +125
℃
V
ISOL
Isolation Voltage (@ AC 1minutes)
2500
V
1
2
4
3


Similar Part No. - SDM2F60G04FS

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
SDM2F100G SEMIHOW-SDM2F100G Datasheet
365Kb / 4P
Fast Soft Recovery Diode Module
SDM2F100G04FE SEMIHOW-SDM2F100G04FE Datasheet
239Kb / 4P
Ultra-Fast Soft Recovery Diode Module
SDM2F100G04GS SEMIHOW-SDM2F100G04GS Datasheet
319Kb / 4P
Fast Soft Recovery Diode Module
SDM2F100G06GS SEMIHOW-SDM2F100G06GS Datasheet
371Kb / 4P
Fast Soft Recovery Diode Module
SDM2F125G12FS SEMIHOW-SDM2F125G12FS Datasheet
271Kb / 4P
Ultra-Fast Soft Recovery Diode Module
More results

Similar Description - SDM2F60G04FS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA45HC120C IRF-HFA45HC120C Datasheet
71Kb / 2P
ULTRA FAST, SOFT RECOVERY DIODE
HFA45HI60C IRF-HFA45HI60C Datasheet
73Kb / 2P
ULTRA FAST, SOFT RECOVERY DIODE
HFA45HI120C IRF-HFA45HI120C Datasheet
82Kb / 2P
ULTRA FAST, SOFT RECOVERY DIODE
logo
List of Unclassifed Man...
DBC2F200N4S ETC2-DBC2F200N4S Datasheet
183Kb / 4P
Ultra-Fast Soft Recovery Diode Module
UFT20040CT ETC2-UFT20040CT Datasheet
196Kb / 4P
Ultra-fast Soft Recovery Diode Module
UFT20060CT ETC2-UFT20060CT Datasheet
193Kb / 4P
Ultra-fast Soft Recovery Diode Module
logo
SemiHow Co.,Ltd.
SDM2F75G12FS SEMIHOW-SDM2F75G12FS Datasheet
271Kb / 4P
Ultra-Fast Soft Recovery Diode Module
SDM2F100G04FE SEMIHOW-SDM2F100G04FE Datasheet
239Kb / 4P
Ultra-Fast Soft Recovery Diode Module
SDM2F125G12FS SEMIHOW-SDM2F125G12FS Datasheet
271Kb / 4P
Ultra-Fast Soft Recovery Diode Module
logo
International Rectifier
IRD3CH82DB6 IRF-IRD3CH82DB6 Datasheet
203Kb / 6P
Ultra Fast-Soft Recovery Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com