Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABF2 Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # ABF2
Description  SINGLE PHASE 0.8AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

ABF2 Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  ABF2 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. ABF2 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.dyelec.com
version:01
0.039(1.0)
0.051(1.3)
RRM
0
5.0
=30
=30
(Note 3)
@IF=0.4A
0.95
0.8
0.5
ABF2 THRU ABF10
SINGLE PHASE
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Features
· Glass passivated die construction
· Low forward voltage drop
· High current capability
· High surge current capability
· Designed for surface mount application
· Plastic material-UL flammability 94V-
Mechanical Data
· Case: SOPA-4, molded plastic
· Terminals: plated leads solderable per
MIL-STD-202, Method 208
· Polarity: as marked on case
· Mounting position: Any
· Marking: type number
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified.
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
SYMBOL
ABF2
ABF4
ABF6
ABF8
ABF10
UNITS
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
V
200
400
600
800
1000
V
VRWM
VDC
RMS Reverse Voltage
VRMS
140
280
420
560
700
V
IO
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
30
A
Forward Voltage per element
VFM
V
Peak Reverse Current
At Rated DC Blocking Voltage
IR
500
uA
Typical Thermal Resistance per leg
RθJA
62.5
℃/W
RθJL
25
Operating and Storage Temperature Range
TJ,TSTG
-55to+150
℃
1 of 2
0.8AMP
Average Rectified Output Current (Note 1)@TA
℃
(Note 2)@TA
℃
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
Note:1. Mounted on glass epoxy PC board with 1.3mm
2 solder pad.
2. Mounted on aluminum substrate PC board with 1.3mm
2 solder pad.
0.032(0.7)
0.024(0.5)
0.189(4.8)
0.165(4.2)
0.181(4.6)
ABF
0.010(0.25)
0.006(0.15)
0.209(5.3)
0.268(6.8)
0.236(6.0)
0.165(4.2)
0.150(3.8)
Dimensions in inches and (millimeters)
0.268(6.8)
0.236(6.0)
=125
=25
A
@T
℃
℃
A
@T


Similar Part No. - ABF2

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
ABF2 YFWDIODE-ABF2 Datasheet
358Kb / 3P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage
logo
Guangdong Kexin Industr...
ABF201 KEXIN-ABF201 Datasheet
255Kb / 3P
Bridge Rectifier
logo
DONGGUAN YOU FENG WEI E...
ABF201 YFWDIODE-ABF201 Datasheet
425Kb / 3P
2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage
logo
Shanghai Shunye Electro...
ABF201 SHUNYE-ABF201 Datasheet
641Kb / 2P
Surface Mount Fast Recovery Bridge Rectifiers
logo
Guangdong Kexin Industr...
ABF201-HF KEXIN-ABF201-HF Datasheet
256Kb / 3P
Bridge Rectifier
More results

Similar Description - ABF2

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
ABS2 JUXING-ABS2 Datasheet
1Mb / 2P
Single Phase 0.8Amp Surface Mount Glass Passivated Bridge Rectifier
logo
DIYI Electronic Technol...
ABS2 DYELEC-ABS2 Datasheet
1Mb / 2P
SINGLE PHASE SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER 0.8AMP
MB05F DYELEC-MB05F Datasheet
747Kb / 2P
SINGLE PHASE 0.8AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB05M DYELEC-MB05M Datasheet
1Mb / 2P
SINGLE PHASE 0.8AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB05S DYELEC-MB05S Datasheet
1Mb / 2P
SINGLE PHASE 0.8AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
RMB1M DYELEC-RMB1M Datasheet
1Mb / 2P
SINGLE PHASE 0.8AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
RMB1S DYELEC-RMB1S_17 Datasheet
1Mb / 3P
SINGLE PHASE 0.8AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
logo
Chip Integration Techno...
AB102S-A CITC-AB102S-A Datasheet
590Kb / 4P
Single Phase 0.8AMP Surface Mount Glass Passivated Bridge Rectifiers
logo
SMC Diode Solutions Co....
ABS2 SMCDIODE-ABS2 Datasheet
325Kb / 5P
SINGLE PHASE 0.8AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev. A
MB05F SMCDIODE-MB05F Datasheet
344Kb / 5P
0.8AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev. C
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com