Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DYA3407GD Datasheet(PDF) 3 Page - DIYI Electronic Technology Co., Ltd.

Part # DYA3407GD
Description  P -Channel High Density Trench MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

DYA3407GD Datasheet(HTML) 3 Page - DIYI Electronic Technology Co., Ltd.

  DYA3407GD Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. DYA3407GD Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. DYA3407GD Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd. DYA3407GD Datasheet HTML 4Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TYPICAL CHARACTERISTICS
3of4
www.dyelec.com
version:01
P -Channel High Density Trench MOSFET
ID= -250uA
VGS= -10V
ID= -3.7A
20
VGS=5~10V
16
15
VGS=4V
12
12
9
8
6
4
VGS=3V
3
0
0
1
2
3
4
5
6
-VDS , Drain-to-Source Voltage (V)
Figure 1. Output Characteristics
0
0
1
2
3
4
5
6
-VGS , Gate-to-Source Voltage (V)
Figure 2. Transfer Characteristics
1.1
2
1.075
1.75
1.05
1.5
1.025
1.25
1
1
0.975
0.75
0.95
0.5
0.925
-50
-25
0
25
50
75
100
125
Tj , Junction Temperature (°C)
0.25
-50
-25
0
25
50
75
100
125
Tj , Junction Temperature (°C)
Figure 3. Breakdown Voltage Variation with
Temperature
Figure 4. On-Resistance Variation with Temperature
1.3
1.2
1.1
1
10
ID= -250uA
VDS= -15V
ID= -1A
8
6
0.9
4
0.8
2
0.7
0.6
-50
-25
0
25
50
75
100
125
0
0
2
4
6
8
10
Tj , Junction Temperature (°C)
Figure 5. Gate Threshold Variation with Temperature
Qg , Total Gate Charge (nC)
Figure 6. Gate Charge
DYA 3407GD



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com