Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFF2040CT Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # SFF2040CT
Description  ULTRAFAST RECOVERY RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

SFF2040CT Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  SFF2040CT Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. SFF2040CT Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. SFF2040CT Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SF 2010CT~SF 2060CT
TO-220AB
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-0.
Flame Retardant Epoxy Molding Compound.
•
•
Low power loss, high efficiency.
• High surge capability
• Ultra fast recovery time,high voltage.
• Lead free in comply with EU RoHS.
MECHANICAL DATA
• Case: ITO-220AB molded plastic
• Terminals: solder plated, solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Mounting Position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
VOLTAGE
100 to 600 Volts
CURRENT
20 Amperes
ULTRAFAST RECOVERY RECTIFIERS
PAGE . 1
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
NOTES:
1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC.
2. Reverse Recovery Test Conditions: IF=0.5A, IR=1A, Irr=0.25A.
3. Thermal resistance from Junction to case.
PARAMETER
SYMBOL
UNITS
Maximum Recurrent P eak Reverse Voltage
V
RRM
100
200
300
400
600
V
Maximum RMS Voltage
V
RMS
70
140
210
280
420
V
Maximum D C Blocking Voltage
V
DC
100
200
300
400
600
V
Maximum Average Fo rward C urrent at T
C = 1 0 0 C
O
F(AV )
I
2 0
A
Peak Fo rward S urge C urrent : 8.3ms si ngle half si ne-wave
superimposed on rated load (JEDEC method)
I
FSM
90
A
Maxi mum F orward Vo ltage at 10A
V
F
Maximum DC Reverse Current at Rated DC Blocking
Voltage
T
J=2 5
O
C
T
J=1 2 5
O
C
I
R
10
500
μ
A
Typical Junction C apacitance (Note 1)
C
J
2 0 0
pF
Maximum Reverse Recovery Time (Note 2 )
t
rr
3 5
ns
Typical Thermal Resistance (Note 3)
R
θ
JC
3
O
C /
W
Operating Junction and S torage Temperature Range
T
J,TSTG
-55 to +150
O
C
V
1
1 . 3
1 . 7
5 0 0
35 0
5 0 0
Low forward voltage, high current capability.
SFF2010CT SFF2020CT SFF2030CT SFF2040CT SFF2050CT SFF2060CT
May.2015-REV.01
www.dyelec.com


Similar Part No. - SFF2040CT

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
SFF2040CT ZSELEC-SFF2040CT Datasheet
103Kb / 2P
20.0A GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Shanghai Leiditech Elec...
SFF2040CT LEIDITECH-SFF2040CT Datasheet
352Kb / 2P
Super fast rectifier Reverse voltage 400 volts forward current 20 ampers
logo
First Silicon Co., Ltd
SFF2040CT FS-SFF2040CT Datasheet
316Kb / 2P
Super fast rectifier Reverse voltage 400 volts forward current 20 ampers
More results

Similar Description - SFF2040CT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF100S PANJIT-UF100S_07 Datasheet
44Kb / 2P
ULTRAFAST RECOVERY RECTIFIERS
UF150 PANJIT-UF150_04 Datasheet
51Kb / 2P
ULTRAFAST RECOVERY RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
UF4001 SEMTECH_ELEC-UF4001 Datasheet
188Kb / 2P
ULTRAFAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
UF1600FCT PANJIT-UF1600FCT_09 Datasheet
95Kb / 2P
ULTRAFAST RECOVERY RECTIFIERS
UF3006PT PANJIT-UF3006PT Datasheet
64Kb / 4P
ULTRAFAST RECOVERY RECTIFIERS
logo
DIYI Electronic Technol...
SF1610CT DYELEC-SF1610CT Datasheet
665Kb / 3P
ULTRAFAST RECOVERY RECTIFIERS
SF1060 DYELEC-SF1060 Datasheet
623Kb / 3P
ULTRAFAST RECOVERY RECTIFIERS
MURB510 DYELEC-MURB510 Datasheet
785Kb / 3P
ULTRAFAST RECOVERY RECTIFIERS
logo
Rectron Semiconductor
MUR20120C RECTRON-MUR20120C Datasheet
212Kb / 4P
ULTRAFAST RECOVERY RECTIFIERS
MUR6060PT RECTRON-MUR6060PT Datasheet
231Kb / 4P
ULTRAFAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com