Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6125FF2-R Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # 6125FF2-R
Description  Fast-acting subminiature fuses
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

6125FF2-R Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  6125FF2-R_15 Datasheet HTML 1Page - Cooper Bussmann, Inc. 6125FF2-R_15 Datasheet HTML 2Page - Cooper Bussmann, Inc. 6125FF2-R_15 Datasheet HTML 3Page - Cooper Bussmann, Inc. 6125FF2-R_15 Datasheet HTML 4Page - Cooper Bussmann, Inc. 6125FF2-R_15 Datasheet HTML 5Page - Cooper Bussmann, Inc. 6125FF2-R_15 Datasheet HTML 6Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Technical Data
4326
Effective December 2015
6125FF
Fast-acting subminiature fuses
www.eaton.com/elx
Electrical characteristics
% of Amp Rating
Opening Time
100%
4 Hours Minimum
200%
5 Second Maximum
Product specifications
Part Number3
Current rating
(amps)
Voltage rating
Interrupting rating1 (amps)
DC cold
resistance
(mΩ) Typ.
Melting2
I2t
(A2 second)
Typical
voltage
drop (mV)
Vac
Vdc
125Vac
72Vdc
32Vdc
6125FF500-R
500mA
125
72
50
50
300
750
0.08
605
6125FF750-R
750mA
125
72
50
50
300
350
0.152
433
6125FF1-R
1
125
72
50
50
300
260
0.22
415
6125FF1.25-R
1.25
125
72
50
50
300
171
0.355
410
6125FF1.5-R
1.5
125
72
50
50
300
112
0.456
365
6125FF2-R
2
125
72
50
50
300
49
1.67
160
6125FF2.5-R
2.5
125
72
50
50
300
45
5.20
155
6125FF3-R
3
125
72
50
50
300
35
6.24
153
6125FF3.5-R
3.5
125
72
50
50
300
27
7.28
150
6125FF4-R
4
125
72
50
50
300
26
7.4
145
6125FF5-R
5
125
72
50
50
300
17
9.5
141
6125FF6.3-R
6.3
125
72
50
50
300
14
15.1
135
6125FF7-R
7
125
72
50
50
300
11
37.25
112
6125FF8-R
8
125
72
50
50
300
8.7
70
110
6125FF10-R
10
125
72
50
50
300
7.3
67.75
110
6125FF12-R
12
125
72
50
50
300
5.3
210.59
106
6125FF15-R
15
125
72
50
50
300
4.2
296.10
104
1 AC Interrupting Rating (Measured at designated voltage, 100% power factor); DC Interrupting Rating (Measured at designated voltage, time constant of less than 50 microseconds, battery source)
2 Typical Melting I2t (Measured at 72Vdc, 10X rated current (not exceed 50A - IR @ 72Vdc)
3 Part number definition: 6125FFxxx-R
6125FF= Product code and size
xxx= Ampere
-R= RoHS compliant
Recommended pad layout–mm (in)
1.35
(0.053)
TYP.
2.72±0.15
(0.107±0.006)
6.10±0.20
(0.24±0.008)
2.72±0.15
(0.107±0.006)
Dimensions–mm (in)
2.6
(0.102)
4.0
(0.157)
3.0
(0.118)
8.6
(0.338)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com