Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7.2ABWNA6.3 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # 7.2ABWNA6.3
Description  PT Medium voltage fuses for potential and small power transformers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

7.2ABWNA6.3 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  7.2ABWNA6.3 Datasheet HTML 1Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 2Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 3Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 4Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 5Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 6Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 7Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 8Page - Cooper Bussmann, Inc. 7.2ABWNA6.3 Datasheet HTML 9Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
Technical Data 6002
Effective March 2016
Supersedes December 2015
BUSSMANN
SERIES
Description:
•
Bussmann® series Indicating and non-
indicating E-Rated, current-limiting, medium
voltage fuses for potential, small power and
control transformers.
Contents
Description
Page
Introduction ............................. 2
2.475kV fuses .......................... 3-6
3.6kV fuses ............................ 7-9
5.5kV fuses .......................... 10-26
7.2kV fuses .......................... 27-29
8.3kV fuses .......................... 30-39
12kV fuses .......................... 40-42
15.5kV fuses ......................... 43-52
17.5kV fuses ......................... 53-54
24kV fuses .......................... 55-56
25.5kV fuses ......................... 57-60
36kV fuses .......................... 61-62
38kV fuses .......................... 63-69
Fuse mountings ...................... 70-71
Features and benefits
•
Low amp, current-limiting E-Rated PT
medium voltage fuses are general purpose
fuses defined by their melting time-current
characteristic that permit their electrical
interchangeability with other fuses of the
same E Rating.
•
E-Rated general purpose fuses must have
a current responsive element that will melt
in 300 seconds at an RMS current within
the range of 200% to 240% of the fuse’s
nameplate current rating, fuse refill, or link
per ANSI C37.46 for fuses rated 100E or less.
•
PT fuses are physically dimensioned for easy
installation in existing hardware.
•
Space saving size eases design
considerations for new installations.
•
Current-limiting fuses provide positive
interruption even on low fault currents.
The fuse limits the magnitude of
electromechanical stresses in the protected
apparatus.
•
These fuses are in a self-contained, non-
venting package for installation indoors or
outdoors in an enclosure.
•
Available in indicating and non-indicating
versions.
•
Open fuse indicator speeds troubleshooting
by providing a positive visual indication of
fuse operation.
Typical applications:
•
Primary protection of:
•
Medium voltage potential transformers
•
Small medium voltage service
transformers
•
Small medium voltage control
transformers.
PT Medium voltage fuses for potential and
small power transformers


Similar Description - 7.2ABWNA6.3

ManufacturerPart #DatasheetDescription
logo
Littelfuse
130-4R-1C-5.5 LITTELFUSE-130-4R-1C-5.5 Datasheet
346Kb / 12P
Medium Voltage Fuses
logo
Cooper Bussmann, Inc.
JCI-3E COOPER-JCI-3E Datasheet
100Kb / 2P
E-Rated Medium Voltage Fuses for Potential Small Power Trans.
logo
Littelfuse
8NLE100E LITTELFUSE-8NLE100E Datasheet
564Kb / 10P
MEDIUM VOLTAGE FUSES
8NLE2150E LITTELFUSE-8NLE2150E Datasheet
564Kb / 10P
MEDIUM VOLTAGE FUSES
8NLE2250E LITTELFUSE-8NLE2250E Datasheet
564Kb / 10P
MEDIUM VOLTAGE FUSES
10E1C15.5 LITTELFUSE-10E1C15.5 Datasheet
564Kb / 10P
MEDIUM VOLTAGE FUSES
15E1C25.8 LITTELFUSE-15E1C25.8 Datasheet
564Kb / 10P
MEDIUM VOLTAGE FUSES
15E1C38.0 LITTELFUSE-15E1C38.0 Datasheet
564Kb / 10P
MEDIUM VOLTAGE FUSES
15GSE100E LITTELFUSE-15GSE100E Datasheet
564Kb / 10P
MEDIUM VOLTAGE FUSES
logo
Eaton All Rights Reserv...
PT EATON-PT_18 Datasheet
10Mb / 68P
PT Medium voltage fuses for potential and small power transformers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com