Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDK220 Datasheet(PDF) 9 Page - STMicroelectronics

Part # LDK220
Description  200 mA low quiescent current and low noise LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDK220 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LDK220 Datasheet HTML 5Page - STMicroelectronics LDK220 Datasheet HTML 6Page - STMicroelectronics LDK220 Datasheet HTML 7Page - STMicroelectronics LDK220 Datasheet HTML 8Page - STMicroelectronics LDK220 Datasheet HTML 9Page - STMicroelectronics LDK220 Datasheet HTML 10Page - STMicroelectronics LDK220 Datasheet HTML 11Page - STMicroelectronics LDK220 Datasheet HTML 12Page - STMicroelectronics LDK220 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LDK220
Electrical characteristics
DocID026015 Rev 4
9/28
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IQ
Quiescent current
VOUT
+1 V ≤ VIN ≤ 13.2 V
IOUT = 0 mA,
-40 °C < TJ < 125 °C
55
90
µA
VOUT
+1 V ≤ VIN ≤ 13.2 V (2)
IOUT = 200 mA,
-40 °C < TJ < 125 °C
60
100
VIN input current in off mode:
VEN = GND,TJ = 25 °C
0.1
1
ISC
Short-circuit
current (2)
RL = 0
400
mA
VEN
Enable input logic
low
VIN = 2.5 V to 13.2 V
-40 °C < TJ < 125 °C
0.4
V
Enable input logic
high
VIN = 2.5 V to 13.2 V
-40 °C < TJ < 125 °C
1.2
IEN
Enable pin input
current
VEN = VIN
0.1
100
nA
TSHDN
Thermal shutdown
160
°C
Hysteresis
20
COUT
Output capacitor
Capacitance (see Section 6:
"Typical performance
characteristics")
1
22
µF
Notes:
(1) Dropout voltage is the input-to-output voltage difference at which the output voltage is 100 mV below its
nominal value.
(2) The maximum current has to be limited according to the maximum power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com