Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDK715M50R Datasheet(PDF) 5 Page - STMicroelectronics

Part # LDK715M50R
Description  High input voltage 85 mA LDO linear regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDK715M50R Datasheet(HTML) 5 Page - STMicroelectronics

  LDK715M50R Datasheet HTML 1Page - STMicroelectronics LDK715M50R Datasheet HTML 2Page - STMicroelectronics LDK715M50R Datasheet HTML 3Page - STMicroelectronics LDK715M50R Datasheet HTML 4Page - STMicroelectronics LDK715M50R Datasheet HTML 5Page - STMicroelectronics LDK715M50R Datasheet HTML 6Page - STMicroelectronics LDK715M50R Datasheet HTML 7Page - STMicroelectronics LDK715M50R Datasheet HTML 8Page - STMicroelectronics LDK715M50R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
DocID026678 Rev 1
5/18
LDK715
Maximum ratings
18
3
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied.
Table 4. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VIN
DC input voltage
From -0.3 to 26
V
VOUT
DC output voltage
From -0.3 to VIN+0.3
V
IOUT
Continuous output current
According to package
power dissipation
A
PD
(1)(2)
1.
PD is based on an operating temperature of 25 °C or less. It must be derated according to the operating temperature.
2.
The LDK715 has an internal costant current limit feature. Take care not to exceed the power dissipation ratings of the
package also during current limit and short circuit events.
Maximum power dissipation, DFN package
2
W
Maximum power dissipation, SOT23-5L package
0.45
TSTG
Storage temperature range
-65 to 150
°C
TOP
Operating junction temperature range
-40 to 125
°C
Table 5. Thermal data
Symbol
Parameter
SOT23-5L
DFN8
Unit
RthJA
Thermal resistance junction-ambient
195
52
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com