Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDLN025 Datasheet(PDF) 8 Page - STMicroelectronics

Part # LDLN025
Description  250 mA ultra low noise LDO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDLN025 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LDLN025 Datasheet HTML 4Page - STMicroelectronics LDLN025 Datasheet HTML 5Page - STMicroelectronics LDLN025 Datasheet HTML 6Page - STMicroelectronics LDLN025 Datasheet HTML 7Page - STMicroelectronics LDLN025 Datasheet HTML 8Page - STMicroelectronics LDLN025 Datasheet HTML 9Page - STMicroelectronics LDLN025 Datasheet HTML 10Page - STMicroelectronics LDLN025 Datasheet HTML 11Page - STMicroelectronics LDLN025 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Electrical characteristics
LDLN025
8/22
DocID029566 Rev 4
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IQ
Quiescent current(4)
IOUT = 0 A
12
µA
IOUT = 0 A;
-40 °C < TJ < 125 °C
25
IOUT = 0.25 A
250
µA
IOUT = 0.25 A;
-40 °C < TJ < 125 °C
425
Shutdown current
VEN = 0 V
0.2
1
µA
ISC
Short-circuit current
VOUT = 0 V
250
500
mA
RLOW
Output discharge
resistance
VEN = 0 V
230
Ω
VEN
VIL, enable input
logic low
VOUT + 1 V (1)< VIN < 5.5 V
-40 °C < TJ < 125 °C
0.4
V
VIH, enable input
logic high
1.2
IEN
Enable pin input
current
VIN = VEN = 5.5 V
5.5
µA
VIN = 5.5 V; VEN = 0 V
0.001
tON
Turn-on time(2)
From VEN > VIH to
VOUT = 95 % of VOUT(nom)
80
150
µs
TSHDN
Thermal
shutdown(2)
IOUT > 1 mA
160
°C
Hysteresis
20
Notes:
(1) VIN = VOUT + 1 V or 1.5 V, whichever is greater. Not applicable for 5 V output voltage versions.
(2) Guaranteed by design.
(3) Dropout voltage is the input-to-output voltage difference at which the output voltage is 100 mV below its
nominal value.
(4) The quiescent current is defined as IIN-IOUT and does not include the EN pin current.
Table 5: Recommended input and output capacitors
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
CIN
Input capacitance
Stability
0.7
1
μF
COUT
Output capacitance
0.7
1
10
ESR
Output/input capacitance
5
500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com