Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS3MDLTR Datasheet(PDF) 13 Page - STMicroelectronics

Part # LIS3MDLTR
Description  Digital output magnetic sensor: ultra-low-power, high-performance 3-axis magnetometer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3MDLTR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LIS3MDLTR Datasheet HTML 9Page - STMicroelectronics LIS3MDLTR Datasheet HTML 10Page - STMicroelectronics LIS3MDLTR Datasheet HTML 11Page - STMicroelectronics LIS3MDLTR Datasheet HTML 12Page - STMicroelectronics LIS3MDLTR Datasheet HTML 13Page - STMicroelectronics LIS3MDLTR Datasheet HTML 14Page - STMicroelectronics LIS3MDLTR Datasheet HTML 15Page - STMicroelectronics LIS3MDLTR Datasheet HTML 16Page - STMicroelectronics LIS3MDLTR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
DocID024204 Rev 4
13/33
LIS3MDL
Terminology and functionality
3
Terminology and functionality
3.1
Sensitivity
Sensitivity describes the gain of the sensor and can be determined, for example, by
applying a magnetic field of 1 gauss to it.
3.2
Zero-gauss level
Zero-gauss level offset describes the deviation of an actual output signal from the ideal
output if no magnetic field is present.
3.3
Factory calibration
The IC interface is factory calibrated for sensitivity (So) and Zero-gauss level (TyOff).
The trimming values are stored in the device in non-volatile memory. Each time the device is
turned on, the trimming parameters are downloaded to the registers to be employed during
active operation which allows using the device without further calibration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com