Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDK220M50R Datasheet(PDF) 6 Page - STMicroelectronics

Part # LDK220M50R
Description  200 mA low quiescent current and low noise LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDK220M50R Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LDK220M50R Datasheet HTML 2Page - STMicroelectronics LDK220M50R Datasheet HTML 3Page - STMicroelectronics LDK220M50R Datasheet HTML 4Page - STMicroelectronics LDK220M50R Datasheet HTML 5Page - STMicroelectronics LDK220M50R Datasheet HTML 6Page - STMicroelectronics LDK220M50R Datasheet HTML 7Page - STMicroelectronics LDK220M50R Datasheet HTML 8Page - STMicroelectronics LDK220M50R Datasheet HTML 9Page - STMicroelectronics LDK220M50R Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Maximum ratings
LDK220
6/28
DocID026015 Rev 4
4
Maximum ratings
Table 4: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VIN
DC input voltage
- 0.3 to 14
V
VOUT
DC output voltage
- 0.3 to VI + 0.3
V
VEN
Enable input voltage
- 0.3 to VI + 0.3
V
VADJ
ADJ pin voltage
- 0.3 to 2
V
IOUT
Output current
Internally limited
mA
PD(1)
Power dissipation
500
mW
TSTG
Storage temperature range
- 65 to 150
°C
TOP
Operating junction temperature range
- 40 to 125
°C
Notes:
(1) Maximum power dissipation has to be calculated taking into account the package thermal performance.
Absolute maximum ratings are those values beyond which damage to the device
may occur. Functional operation under these conditions is not implied. All values
are referred to GND.
Table 5: Thermal data
Symbol
Parameter
SOT23-5L
SOT323-5L
SOT-89
DFN-6
Unit
RthJA
Thermal resistance
junction-ambient
160
246
110
237
°C/W
RthJC
Thermal resistance
junction-case
68
134
15
104
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com