Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DS3US Datasheet(PDF) 30 Page - STMicroelectronics

Part # LSM6DS3US
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS3US Datasheet(HTML) 30 Page - STMicroelectronics

Back Button LSM6DS3US Datasheet HTML 26Page - STMicroelectronics LSM6DS3US Datasheet HTML 27Page - STMicroelectronics LSM6DS3US Datasheet HTML 28Page - STMicroelectronics LSM6DS3US Datasheet HTML 29Page - STMicroelectronics LSM6DS3US Datasheet HTML 30Page - STMicroelectronics LSM6DS3US Datasheet HTML 31Page - STMicroelectronics LSM6DS3US Datasheet HTML 32Page - STMicroelectronics LSM6DS3US Datasheet HTML 33Page - STMicroelectronics LSM6DS3US Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 104 page
background image
Functionality
LSM6DS3US
30/104
DocID028476 Rev 4
5.4
Interface flexibility with auxiliary SPI
In Mode3 configuration of the LSM6DS3US, interface flexibility is supported as follows:
Primary interface: I2C or SPI (3/4-wire)
Auxiliary interface: SPI (3-wire)
This configuration can support OIS applications, see details in the following figure.
Figure 5. Mode 3 interface configuration (OIS applications)
The primary interface is always available and the gyroscope output values are in registers
22h to 27h as per user-selected FS and ODR.
The auxiliary interface needs to be enabled in CTRL_SPIAux (70h) register and gyroscope
output values are in registers 22h to 27h with FS = 250 dps and ODR = 3.3 kHz. In this
interface SPI can write only to the dedicated register (CTRL_SPIAux (70h)). When the
auxiliary SPI is connected to the camera module, the recommendations are as follows:
Single axis enable bits in CTRL9_XL (18h) and CTRL10_C (19h) have to be ‘1’ (default
value)
Sign and orient bits in ORIENT_CFG_G (0Bh) have to be set to ‘0’ (default value)
Sleep bit in CTRL4_C (13h) has to be set to ‘0’ (default value)
Avoid using the self-test if the camera module is reading data
When the camera module is not connected, the device has the same behavior as the
LSM6DS3 (all bits supported).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com