Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EB100 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # EB100
Description  High Accuracy Miniature Pressure Transducer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

EB100 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  EB100 Datasheet HTML 1Page - TE Connectivity Ltd EB100 Datasheet HTML 2Page - TE Connectivity Ltd EB100 Datasheet HTML 3Page - TE Connectivity Ltd EB100 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EB100
High Accuracy Miniature Pressure Transducer
SENSOR SOLUTIONS ///EB100_en
08/2016
Page 2
STANDARD RANGES
Ranges (FS)
Pressure Reference
Pressure Overload
(rated pressure)
Burst Pressure
(rated pressure)
bar
psi
abs. (type3)
20
300
2 x FS
3 x FS
35
500
2 x FS
3 x FS
70
1K
2 x FS
3 x FS
100
1.5K
2 x FS
3 x FS
200
3K
2 x FS
3 x FS
350
5K
2 x FS
3 x FS
PERFORMANCE SPECIFICATIONS (typical values at temperature 23±3°C)
PARAMETERS
VALUES
NOTES
Combined Non-Linearity, Hysteresis, and Repeatability
±0.25 %FS
1
Long Term Stability (1 year)
±0.1 %FS
Total Error Band (TEB over CTR)
±1 %FS
2
Bandwidth (-3 dB)
120 Hz
Isolation resistance @50Vdc
50 MΩ
Compensated Temperature Range (CTR)
-20 to +125 °C (-4 to+257 F)
Operating Temperature Range (OTR)
-40 to +125 °C (-40 to +257 F)
Storage Temperature
-40 to +125 °C (-40 to +257 F)
Vibration (20 to 200Hz)
20 g
3
Shock (11ms)
50 g
4
Pressure Cycles (Zero to Full Scale)
1 Million
Weight (without cable)
15 grams +21 grams per meter of cable
Ingress Protection
IP66
Media Compatibility
Fluids compatible with 17-4PH, 316 S.S. and FKM Fluoroelastomer
Notes
1. Best fit straight line for all pressure ranges except for 200 bar (3 kpsi) = +/-0.35% and 350 bar (5 kpsi) = +/-0.5%.
2. TEB includes all accuracy errors, thermal errors, span and zero tolerances.
3. Per MIL-STD-810C, Procedure 514.2, Figure 514.2-2, Curve L.
4. 1/2 sine per MIL-STD 202F Method 213B condition A.
CE compliance
IEC 55022 Emissions Class A & B
IEC 61000-4-2 Electrostatic Discharge Immunity (2kV contact/2kV air)
IEC 61000-4-3 EM Field Immunity (3V/m)
IEC 61000-4-4 Electrical Fast Transient Immunity (0.5kV)
IEC 61000-4-6 Conducted Immunity (3V)
SUPPLY VOLTAGE
ELECTRICAL CONNECTION OPTIONS (table 1)
Code
Supply voltage
Signal
Code
Connection
U
8 to 30 V (current < 5 mA)
0.5
– 4.5 V
M
1 metre of shielded cable (PFA)
P
5 metres of shielded cable (PFA)
R
10 metres of shielded cable (PFA)
S
1 metre of shielded cable (PFA) fully covered by shrink tube
model Raychem DR25 or equivalent



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com