Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L011X3 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STM32L011X3
Description  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 16KB Flash, 2KB SRAM, 512B EEPROM, ADC
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L011X3 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM32L011X3 Datasheet HTML 12Page - STMicroelectronics STM32L011X3 Datasheet HTML 13Page - STMicroelectronics STM32L011X3 Datasheet HTML 14Page - STMicroelectronics STM32L011X3 Datasheet HTML 15Page - STMicroelectronics STM32L011X3 Datasheet HTML 16Page - STMicroelectronics STM32L011X3 Datasheet HTML 17Page - STMicroelectronics STM32L011X3 Datasheet HTML 18Page - STMicroelectronics STM32L011X3 Datasheet HTML 19Page - STMicroelectronics STM32L011X3 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 115 page
background image
DocID027973 Rev 4
16/115
STM32L011x3/4
Functional overview
32
VDD = 1.8 to 2.0 V(1)
Conversion time up
to 1.14 Msps
Range1, range 2 or
range 3
Degraded speed
performance
VDD = 2.0 to 2.4 V
Conversion time up
to 1.14 Msps
Range 1, range 2 or
range 3
Full speed operation
VDD = 2.4 to 3.6 V
Conversion time up
to 1.14 Msps
Range 1, range 2 or
range 3
Full speed operation
1. CPU frequency changes from initial to final must respect the condition: fCPU initial <4fCPU initial. It must also
respect 5 μs delay between two changes. For example to switch from 4.2 MHz to 32 MHz, you can switch
from 4.2 MHz to 16 MHz, wait 5 μs, then switch from 16 MHz to 32 MHz.
Table 4. CPU frequency range depending on dynamic voltage scaling
CPU frequency range
Dynamic voltage scaling range
16 MHz to 32 MHz (1ws)
32 kHz to 16 MHz (0ws)
Range 1
8 MHz to 16 MHz (1ws)
32 kHz to 8 MHz (0ws)
Range 2
32 kHz to 4.2 MHz (0ws)
Range 3
Table 3. Functionalities depending on the operating power supply range (continued)
Operating power supply
range
Functionalities depending on the operating power supply range
ADC operation
Dynamic voltage
scaling range
I/O operation
Table 5. Functionalities depending on the working mode
(from Run/active down to standby) (1)(2)
IPs
Run/Active
Sleep
Low-
power
run
Low-
power
sleep
Stop
Standby
Wakeup
capability
Wakeup
capability
CPU
Y
-
Y
-
-
-
-
-
Flash memory
O
O
O
O
-
-
-
-
RAM
Y
Y
Y
Y
Y
-
-
-
Backup registers
Y
Y
Y
Y
Y
-
Y
-
EEPROM
O
O
O
O
-
-
-
-
Brown-out reset
(BOR)
OO
O
O
O
O
O
O
DMA
O
O
O
O
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com