Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L041X4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32L041X4
Description  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC, AES
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L041X4 Datasheet(HTML) 1 Page - STMicroelectronics

  STM32L041X4 Datasheet HTML 1Page - STMicroelectronics STM32L041X4 Datasheet HTML 2Page - STMicroelectronics STM32L041X4 Datasheet HTML 3Page - STMicroelectronics STM32L041X4 Datasheet HTML 4Page - STMicroelectronics STM32L041X4 Datasheet HTML 5Page - STMicroelectronics STM32L041X4 Datasheet HTML 6Page - STMicroelectronics STM32L041X4 Datasheet HTML 7Page - STMicroelectronics STM32L041X4 Datasheet HTML 8Page - STMicroelectronics STM32L041X4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 119 page
background image
This is information on a product in full production.
December 2016
DocID027301 Rev 4
1/119
STM32L041x4 STM32L041x6
Access line ultra-low-power 32-bit MCU ARM®-based
Cortex®-M0+, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC, AES
Datasheet
- production data
Features
• Ultra-low-power platform
– 1.65 V to 3.6 V power supply
– -40 to 125 °C temperature range
– 0.23 µA Standby mode (2 wakeup pins)
– 0.35 µA Stop mode (16 wakeup lines)
– 0.6 µA Stop mode + RTC + 8 KB RAM retention
– Down to 76 µA/MHz in Run mode
– 5 µs wakeup time (from Flash memory)
–41 µA 12-bit ADC conversion at 10 ksps
• Core: ARM® 32-bit Cortex®-M0+
– From 32 kHz up to 32 MHz max.
– 0.95 DMIPS/MHz
•
Reset and supply management
– Ultra-safe, low-power BOR (brownout reset)
with 5 selectable thresholds
– Ultralow power POR/PDR
– Programmable voltage detector (PVD)
• Clock sources
– 1 to 25 MHz crystal oscillator
– 32 kHz oscillator for RTC with calibration
– High speed internal 16 MHz factory-trimmed RC
(+/- 1%)
– Internal low-power 37 kHz RC
– Internal multispeed low-power 65 kHz to
4.2 MHz RC
– PLL for CPU clock
• Pre-programmed bootloader
– USART, SPI supported
• Development support
– Serial wire debug supported
• Up to 38 fast I/Os (31 I/Os 5V tolerant)
• Memories
– Up to 32 KB Flash with ECC
– 8 KB RAM
– 1 KB of data EEPROM with ECC
– 20-byte backup register
– Sector protection against R/W operation
–
• Rich Analog peripherals
– 12-bit ADC 1.14 Msps up to 10 channels (down
to 1.65 V)
– 2x ultra-low-power comparators (window mode
and wake up capability, down to 1.65 V)
• 7-channel DMA controller, supporting ADC, SPI,
I2C, USART, Timers, AES
• 5x peripherals communication interface
• 1x USART (ISO 7816, IrDA), 1x UART (low power)
• Up to 2 SPI interfaces, up to 16 Mbits/s
• 1x I2C (SMBus/PMBus)
• 8x timers: 1x 16-bit with up to 4 channels, 2x 16-bit
with up to 2 channels, 1x 16-bit ultra-low-power
timer, 1x SysTick, 1x RTC and 2x watchdogs
(independent/window)
• CRC calculation unit, 96-bit unique ID
• Hardware Encryption Engine AES 128-bit
• All packages are ECOPACK®2
Table 1. Device summary
Reference
Part number
STM32L041x4
STM32L041G4, STM32L041K4,
STM32L041C4, STM32L041F4
STM32L041x6
STM32L041G6, STM32L041K6,
STM32L041C6, STM32L041F6,
STM32L041E6
UFQFPN28 4x4 mm
UFQFPN32 5x5 mm
LQFP32/48
7x7 mm
WLCSP25
2.097x2.493 mm
TSSOP20
169 mils
www.st.com


Similar Part No. - STM32L041X4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32L041X6 STMICROELECTRONICS-STM32L041X6_V01 Datasheet
1Mb / 123P
Access line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC, AES
February 2018 Rev 6
More results

Similar Description - STM32L041X4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32L151RCT6A STMICROELECTRONICS-STM32L151RCT6A Datasheet
1Mb / 136P
Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 256KB Flash, 32KB SRAM, 8KB EEPROM, LCD, USB, ADC, DAC
01-Feb-2013
STM32L011X3 STMICROELECTRONICS-STM32L011X3 Datasheet
1Mb / 115P
Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 16KB Flash, 2KB SRAM, 512B EEPROM, ADC
20-Jun-2016
STM32L031X4 STMICROELECTRONICS-STM32L031X4 Datasheet
1Mb / 118P
Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC
05-Apr-2016
STM32L051X6 STMICROELECTRONICS-STM32L051X6 Datasheet
1Mb / 127P
Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 64 KB Flash, 8 KB SRAM, 2 KB EEPROM, ADC
17-Mar-2016
STM32L081CB STMICROELECTRONICS-STM32L081CB Datasheet
1Mb / 110P
Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, ADC, AES
03-May-2016
STM32L083X8 STMICROELECTRONICS-STM32L083X8 Datasheet
1Mb / 139P
Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, LCD, USB, ADC, DACs, AES
22-Mar-2016
STM32L071X8 STMICROELECTRONICS-STM32L071X8 Datasheet
1Mb / 136P
Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, ADC
22-Mar-2016
STM32L031C6 STMICROELECTRONICS-STM32L031C6_V01 Datasheet
1Mb / 126P
Access line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC
March 2018 Rev 6
STM32L041X6 STMICROELECTRONICS-STM32L041X6_V01 Datasheet
1Mb / 123P
Access line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC, AES
February 2018 Rev 6
STM32L031X4 STMICROELECTRONICS-STM32L031X4_V01 Datasheet
1Mb / 126P
Access line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC
March 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com