Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L031C6 Datasheet(PDF) 60 Page - STMicroelectronics

Part # STM32L031C6
Description  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L031C6 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STM32L031C6 Datasheet HTML 56Page - STMicroelectronics STM32L031C6 Datasheet HTML 57Page - STMicroelectronics STM32L031C6 Datasheet HTML 58Page - STMicroelectronics STM32L031C6 Datasheet HTML 59Page - STMicroelectronics STM32L031C6 Datasheet HTML 60Page - STMicroelectronics STM32L031C6 Datasheet HTML 61Page - STMicroelectronics STM32L031C6 Datasheet HTML 62Page - STMicroelectronics STM32L031C6 Datasheet HTML 63Page - STMicroelectronics STM32L031C6 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 118 page
background image
Electrical characteristics
STM32L031x4/6
60/118
DocID027063 Rev 4
Table 29. Current consumption in Low-power run mode
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
IDD
(LP Run)
Supply
current in
Low-power
run mode
All
peripherals
off, code
executed
from RAM,
Flash
memory
OFF, VDD
from 1.65 V
to 3.6 V
MSI clock, 65 kHz
fHCLK = 32 kHz
TA = -40 °C to 25 °C
6.3
8.4
µA
TA = 85 °C
9.15
13
TA = 105 °C
12.5
19
TA = 125 °C
20.5
36
MSI clock, 65 kHz
fHCLK = 65 kHz
TA =-40 °C to 25 °C
9.45
12
TA = 85 °C
12.5
15
TA = 105 °C
16
22
TA = 125 °C
24
38
MSI clock, 131 kHz
fHCLK = 131 kHz
TA = -40 °C to 25 °C
17
20
TA = 55 °C
19
21
TA = 85 °C
20.5
24
TA = 105 °C
23.5
28
TA = 125 °C
31.5
46
All
peripherals
off, code
executed
from Flash
memory,
VDD from
1.65 V to
3.6 V
MSI clock, 65 kHz
fHCLK = 32 kHz
TA = -40 °C to 25 °C
18.5
23
TA = 85 °C
23
27
TA = 105 °C
27
33
TA = 125 °C
36
52
MSI clock, 65 kHz
fHCLK = 65 kHz
TA = -40 °C to 25 °C
22.5
26
TA = 85 °C
27.5
31
TA = 105 °C
31
38
TA = 125 °C
40.5
56
MSI clock, 131 kHz
fHCLK = 131 kHz
TA = -40 °C to 25 °C
32
36
TA = 55 °C
35
37
TA = 85 °C
37.5
42
TA = 105 °C
41
47
TA = 125 °C
50
65
1. Guaranteed by characterization results at 125 °C, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com