Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L051C6 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STM32L051C6
Description  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 64 KB Flash, 8 KB SRAM, 2 KB EEPROM, ADC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L051C6 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STM32L051C6 Datasheet HTML 33Page - STMicroelectronics STM32L051C6 Datasheet HTML 34Page - STMicroelectronics STM32L051C6 Datasheet HTML 35Page - STMicroelectronics STM32L051C6 Datasheet HTML 36Page - STMicroelectronics STM32L051C6 Datasheet HTML 37Page - STMicroelectronics STM32L051C6 Datasheet HTML 38Page - STMicroelectronics STM32L051C6 Datasheet HTML 39Page - STMicroelectronics STM32L051C6 Datasheet HTML 40Page - STMicroelectronics STM32L051C6 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 127 page
background image
DocID025938 Rev 6
37/127
STM32L051x6 STM32L051x8
Pin descriptions
45
Table 14. Legend/abbreviations used in the pinout table
Name
Abbreviation
Definition
Pin name
Unless otherwise specified in brackets below the pin name, the pin function during
and after reset is the same as the actual pin name
Pin type
S
Supply pin
I
Input only pin
I/O
Input / output pin
I/O structure
FT
5 V tolerant I/O
FTf
5 V tolerant I/O, FM+ capable
TC
Standard 3.3V I/O
B
Dedicated BOOT0 pin
RST
Bidirectional reset pin with embedded weak pull-up resistor
Notes
Unless otherwise specified by a note, all I/Os are set as floating inputs during and
after reset.
Pin functions
Alternate
functions
Functions selected through GPIOx_AFR registers
Additional
functions
Functions directly selected/enabled through peripheral registers
Table 15. STM32L051x6/8 pin definitions
Pin Number
Pin name
(function
after reset)
Alternate functions
Additional
functions
1B2
1
-
-
-
VDD
S
-
-
-
-
2A2
2
-
-
-
PC13
I/O
FT
-
-
RTC_TAMP1/
RTC_TS/
RTC_OUT/
WKUP2
3A1
3
A6
2
2
PC14-
OSC32_IN
(PC14)
I/O
FT
-
-
OSC32_IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com