Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH3R02AFY Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH3R02AFY
Description  Automotive ultrafast rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH3R02AFY Datasheet(HTML) 3 Page - STMicroelectronics

  STTH3R02AFY Datasheet HTML 1Page - STMicroelectronics STTH3R02AFY Datasheet HTML 2Page - STMicroelectronics STTH3R02AFY Datasheet HTML 3Page - STMicroelectronics STTH3R02AFY Datasheet HTML 4Page - STMicroelectronics STTH3R02AFY Datasheet HTML 5Page - STMicroelectronics STTH3R02AFY Datasheet HTML 6Page - STMicroelectronics STTH3R02AFY Datasheet HTML 7Page - STMicroelectronics STTH3R02AFY Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DocID027545 Rev 1
3/8
STTH3R02-Y
Characteristics
8
Table 5. Dynamic electrical characteristics
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
trr
Reverse recovery time
Tj = 25 °C
IF = 1 A, dIF/dt = -100 A/µs,
VR = 30 V
16
21
ns
IF = 1 A, dIF/dt = 50 A/µs,
VR = 30 V
23
Tj = 125 °C
IF = 3 A, dIF/dt = 200 A/µs,
VR = 160 V
24
QRR
Reverse recovery charge
Tj = 125 °C
IF = 3 A, dIF/dt = -200 A/µs,
VR = 160 V
50
nC
IRM
Reverse recovery current
3.5
A
Figure 1. Average forward power dissipation
versus average forward current
Figure 2. Forward voltage drop versus forward
current (typical values)
Figure 3. Forward voltage drop versus forward
current (maximum values)
Figure 4. Relative variation of thermal
impedance junction to lead versus pulse
duration



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com