Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCAS06AG182R0CAT Datasheet(PDF) 1 Page - AVX Corporation

Part # VCAS06AG182R0CAT
Description  AntennaGuard 0402/0603 Automotive Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VCAS06AG182R0CAT Datasheet(HTML) 1 Page - AVX Corporation

  VCAS06AG182R0CAT Datasheet HTML 1Page - AVX Corporation VCAS06AG182R0CAT Datasheet HTML 2Page - AVX Corporation VCAS06AG182R0CAT Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
51
GENERAL DESCRIPTION
AVX 0402/0603 Automotive AntennaGuard products are an ultra low
capacitance extension to the Automotive TransGuard® Series and are
intended for use in RF and other capacitance sensitive circuits.
These low capacitance values have low insertion loss, low leakage
current and unsurpassed reliability compared to diode options. These
advantages combined with size advantages and bi-directional protection
make the AntennaGuard the right choice for automotive applications
including RF circuits, sensors, high-speed signal transmission lines, etc…
06
Case
Size
04 = 0402
06 = 0603
VC
Varistor
Chip
AS
Series
AS = Automotive
AG
Type
18
Working
Voltage
18 = 18.0VDC
3R0
Capacitance
2R0 = 2pF
3R0 = 3pF
120 = 12pF
Y
Non-Std
Cap Tol
C = ±0.25pF
(2R0)
Y = Max
(for 3pF)
Y = +4/-2pF
(for 12pF)
HOW TO ORDER
A
Not
Applicable
T
Termination
T = Ni/Sn Plated
1
Reel Size
1 = 7" reel
3 = 13" reel
W = 7" reel
(0402 only)
A
Reel Qty
A = 4K or 10K pcs
(i.e.: 1A = 4,000
3A = 10,000
WA = 10,000)
FEATURES
• AEC Q200 Qualified
• 25kV ESD rating
• Meet 27.5Vdc Jump Start requirements
• Multi-strike capability
• Sub 1nS response to ESD strike
APPLICATIONS
• RF Circuit
• Sensors
APPLICATIONS
• Data lines
• Keyless entry
• Capacitance sensitive applications
GENERAL
CHARACTERISTICS
• Operting Teperature: -55°C to +125°C
• Working Voltage: ≤18Vdc
• Case Size: 0402, 0603
ELECTRIAL CHARACTERISTICS
AVX Part Number
VW (DC)
VW (AC)
IL
Cap
Cap Tolerance
VJump
Case Size
VCAS04AG183R0YAT_ _
≤ 18
≤ 14
0.1
3
Max
27.5
0402
VCAS06AG182R0CAT_ _
≤ 18
≤ 14
0.1
2
±0.25pF
27.5
0603
VCAS06AG183R0YAT_ _
≤ 18
≤ 14
0.1
3
Max
27.5
0603
VCAS06AG18120YAT_ _
≤ 18
≤ 14
0.1
12
+4, -2pF
27.5
0603
Termination Finish Code
Packaging Code
V
W (DC)
DC Working Voltage (V)
V
W (AC)
AC Working Voltage (V)
I
L
Maximum Leakage Current at the Working Voltage (μA)
Cap
Maximum Capacitance (pF) @ 1 MHz and 0.5 Vrms; VC06AG18120YAT capacitance tolerance: +4, -2pF
V
Jump
Jump Start (V)
AntennaGuard 0402/0603 Automotive Series
AVX Low Capacitance Automotive Varistors
ESD Protection for Automotive Circuits Sensitive to Capacitance


Similar Part No. - VCAS06AG182R0CAT

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VCAS06AG182R0CAT1A AVX-VCAS06AG182R0CAT1A Datasheet
365Kb / 3P
AVX Low Capacitance Automotive Varistors ESD Protection for Automotive Circuits Sensitive to Capacitance
VCAS06AG182R0CAT3A AVX-VCAS06AG182R0CAT3A Datasheet
365Kb / 3P
AVX Low Capacitance Automotive Varistors ESD Protection for Automotive Circuits Sensitive to Capacitance
More results

Similar Description - VCAS06AG182R0CAT

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VCAS04AG183R0Y AVX-VCAS04AG183R0Y Datasheet
86Kb / 3P
Automotive AntennaGuard
VCH4AG100R8MA AVX-VCH4AG100R8MA Datasheet
241Kb / 2P
AntennaGuard/SPV
VCAS06AG183R0YATRP AVX-VCAS06AG183R0YATRP Datasheet
362Kb / 3P
AntennaGuard Automotive Series Multilayer Varistors for Automotive Applications
logo
Vishay Siliconix
NTHS0603N01N1003JE VISHAY-NTHS0603N01N1003JE Datasheet
91Kb / 3P
NTC Thermistors, SMD 0402, 0603, 0805, 1206 Chip
05-Jun-13
NTHS0603N02N1002JE VISHAY-NTHS0603N02N1002JE Datasheet
91Kb / 3P
NTC Thermistors, SMD 0402, 0603, 0805, 1206 Chip
05-Jun-13
logo
NIC-Components Corp.
NIS NIC-NIS Datasheet
74Kb / 3P
0402/0603 Chip Inductors
logo
MERITEK ELECTRONICS COR...
SNT MERITEK-SNT Datasheet
1Mb / 10P
EIA size 0402, 0603, 0805, 1206
logo
Texas Instruments
TMP61-Q1 TI1-TMP61-Q1_V03 Datasheet
1Mb / 33P
TMP61-Q1 Automotive Grade, 짹1% 10-k廓 Linear Thermistor With 0402 and 0603 Package Options
TMP64-Q1 TI-TMP64-Q1_V02 Datasheet
1Mb / 28P
TMP64-Q1 짹1% 47-k廓 Automotive Grade Linear Thermistor with 0402 and 0603 Package Options
logo
Vishay Siliconix
NTHS VISHAY-NTHS_V01 Datasheet
93Kb / 3P
NTC Thermistors, SMD 0402, 0603, 0805, 1206 Chip
21-Sep-2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com