Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDL212PU50R Datasheet(PDF) 20 Page - STMicroelectronics

Part # LDL212PU50R
Description  High PSRR, low drop linear regulator IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDL212PU50R Datasheet(HTML) 20 Page - STMicroelectronics

Back Button LDL212PU50R Datasheet HTML 16Page - STMicroelectronics LDL212PU50R Datasheet HTML 17Page - STMicroelectronics LDL212PU50R Datasheet HTML 18Page - STMicroelectronics LDL212PU50R Datasheet HTML 19Page - STMicroelectronics LDL212PU50R Datasheet HTML 20Page - STMicroelectronics LDL212PU50R Datasheet HTML 21Page - STMicroelectronics LDL212PU50R Datasheet HTML 22Page - STMicroelectronics LDL212PU50R Datasheet HTML 23Page - STMicroelectronics LDL212PU50R Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Package information
LDL212
20/28
DocID028297 Rev 2
Table 7: DFN6 (2x2) mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.70
0.75
0.80
A1
0.00
0.02
0.05
A3
-
0.203 ref
-
b
0.25
0.30
0.35
D
-
2.00
-
E
-
2.00
-
e
-
0.50
-
D2
0.77
0.92
1.02
E2
1.30
1.45
1.55
K
0.15
-
-
L
0.20
0.30
0.40
aaa
-
0.05
-
bbb
-
0.10
-
ccc
-
0.10
-
ddd
-
0.05
-
eee
-
0.08
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com