Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDL212PUR Datasheet(PDF) 10 Page - STMicroelectronics

Part # LDL212PUR
Description  High PSRR, low drop linear regulator IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDL212PUR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LDL212PUR Datasheet HTML 6Page - STMicroelectronics LDL212PUR Datasheet HTML 7Page - STMicroelectronics LDL212PUR Datasheet HTML 8Page - STMicroelectronics LDL212PUR Datasheet HTML 9Page - STMicroelectronics LDL212PUR Datasheet HTML 10Page - STMicroelectronics LDL212PUR Datasheet HTML 11Page - STMicroelectronics LDL212PUR Datasheet HTML 12Page - STMicroelectronics LDL212PUR Datasheet HTML 13Page - STMicroelectronics LDL212PUR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Typical performance characteristics
LDL212
10/28
DocID028297 Rev 2
Figure 12: Load regulation vs temperature
(VIN = 6 V, VOUT = 5 V, IOUT = 10 to 1200 mA )
Figure 13: Load regulation vs temperature
(VIN = 2.5 V, VOUT = VADJ, IOUT = 0 to 1200 mA)
Figure 14: Enable thresholds vs temperature
(VOUT = VADJ)
Figure 15: Enable thresholds vs temperature
(VOUT = 5 V)
Figure 16: Dropout voltage vs temperature
Figure 17: Quiescent current vs temperature
(VOUT = 5 V, IOUT = 0 mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com