Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF640 Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # MBRF640
Description  6 AMPERES SCHOTTKY BARRIER RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

MBRF640 Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  MBRF640 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. MBRF640 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. MBRF640 Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MBR
F640~MBRF6200
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-0.
Flame Retardant Epoxy Molding Compound.
• Low power loss, high efficiency.
• High current capability
• For use in low voltage, high frequency inverters
free wheeling, and polarlity protection applications.
• Lead free in compliance with EU RoHS .
MECHANICAL DATA
• Case: ITO-220AC molded plastic
• Terminals: solder plated, solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
VOLTAGE
40 to 200 Volts
CURRENT
6 Amperes
6 AMPERES SCHOTTKY BARRIER RECTIFIERS
PAGE . 1
JAN,2015-REV.00
PARAMETER
SYMBOL MBRF640 MBRF645 MBRF650MBRF660 MBRF680 MBRF690 MBRF6100 MBRF6150 MBRF6200 UNITS
Maxi mum Recurrent Peak Reverse Voltage
V
RRM
40
45
50
60
80
90
100
150
200
V
Maxi mum RMS Voltage
V
RMS
28
31.5
35
42
56
63
70
105
140
V
Maxi mum D C B locking Voltage
V
DC
40
45
50
60
80
90
100
150
200
V
Maxi mum Average Forward (See Fi gure 1)
I
F(AV )
Peak Forward S urge C urrent : 8.3ms si ngle half si ne-wave
superimposed on rated load (JEDEC method)
I
FS M
120
A
Maxi mum F orward Voltage at 6A
V
F
0.7
0 .8
0 .85
0.92
V
Maxi mum D C Reverse C urrent at Rated D C B locking
Voltage
T
J=2 5
O
C
T
J= 100
O
C
I
R
0.1
20
mA
Typical Thermal Resi stance
R
JC
3
O
C / W
Operating Junction and Storage Temperature Range
T
J,TSTG
-5 5 to +150
-65 to +175
O
C
A
6
1 0 0
ITO-220AC
www.
dyelec.com


Similar Part No. - MBRF640

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
MBRF640 ZSELEC-MBRF640 Datasheet
322Kb / 2P
6.0 A SCHOTTKY BARRIER DIODE
logo
SAMYANG ELECTRONICS CO....
MBRF640 SAMYANG-MBRF640 Datasheet
1Mb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBRF640

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MBR1020 PANJIT-MBR1020 Datasheet
425Kb / 2P
10 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR2020CT PANJIT-MBR2020CT Datasheet
45Kb / 2P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR1040F PANJIT-MBR1040F Datasheet
96Kb / 2P
10 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR2040CT PANJIT-MBR2040CT Datasheet
87Kb / 2P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR2040FCT PANJIT-MBR2040FCT Datasheet
94Kb / 2P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
DIYI Electronic Technol...
MBR640 DYELEC-MBR640 Datasheet
913Kb / 3P
6 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR20100CTL DYELEC-MBR20100CTL Datasheet
1Mb / 3P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBRF4040CTD DYELEC-MBRF4040CTD Datasheet
879Kb / 3P
40 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
MBR1040CT PANJIT-MBR1040CT_17 Datasheet
180Kb / 4P
10 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR2040DC-AU PANJIT-MBR2040DC-AU_16 Datasheet
195Kb / 5P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com