Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF1640CTD Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # MBRF1640CTD
Description  16 AMPERES SCHOTTKY BARRIER RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

MBRF1640CTD Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  MBRF1640CTD Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. MBRF1640CTD Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. MBRF1640CTD Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MBR
F1640CTD~MBRF16200CTD
ITO-220AB
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-
0.
Flame Retardant Epoxy Molding Compound.
• Metal silicon junction, majority carrier conduction
• Low power loss, high efficiency.
• High current capability
• Guardring for overvlotage protection
• For use in low voltage, high frequency inverters
free wheeling, and polarlity protection applications.
• Lead free in comply with EU RoHS.
MECHANICAL DATA
• Case:
ITO-220AB molded plastic
• Terminals: solder plated, solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Mounting Position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
VOLTAGE
40 to 200 Volts
CURRENT
1
6 Amperes
1
6 AMPERES SCHOTTKY BARRIER RECTIFIERS
JAN.31,2015-REV.00
PAGE . 1
PA RA ME TE R
S YMB OL
MBRF
1 6 4 0 C
TD
1 6 4 5 C T
D
1 6 5 0 C T
D
1 6 6 0 C T
D
1 6 8 0 C T
D
1 6 9 0 C T
D
1 6 1 0 0 C T
D
1 6 1 5 0 C T
D
1 6 2 0 0 C T
D UNITS
Maxi mum Re curre nt P eak Re verse Voltag e
V
RRM
40
45
50
60
80
90
1 00
150
20 0
V
Maxi mum RMS Volta ge
V
RMS
28
31.5
35
42
56
63
7 0
105
140
V
Maxi mum D C B lo ck i ng Voltag e
V
DC
40
45
50
60
80
90
1 00
150
20 0
V
Maxi mum A ve ra ge F o rward (S e e F i g ure 1)
I
F(AV )
16
A
P eak F orward S urge C urrent : 8 .3ms si ngle half si ne-wa ve
s up eri mp os ed o n rate d lo ad (J E D E C me thod )
I
FS M
1 2 0
A
Maxi mum F orward Voltage at 8A per leg
V
F
0.7
0 .
8
0 . 8
5
0 . 9
2
V
Maxi mum DC Reve rs e Current at Rate d DC B lock i ng
Voltag
T
J =2 5
OC
T
J =1 0 0
OC
I
R
0.05
20
mA
Typ i cal Thermal Resistance
Rθ
JC
2
OC / W
Op erati ng Juncti on and S torage Tempe ra ture Range
T
J,T STG
-5 5 to +1 50
-65 to +175
OC
0 . 0
2
20
MBRF
MBRF
MBRF
MBRF
MBRF
MBRF
MBRF
MBRF
www.
dyelec.com


Similar Part No. - MBRF1640CTD

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
MBRF1640CT DACHANG-MBRF1640CT Datasheet
124Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 16A
MBRF1640CT DACHANG-MBRF1640CT Datasheet
124Kb / 2P
Schottky Barrier Rectifier
logo
Microdiode Semiconducto...
MBRF1640CT CHENDA-MBRF1640CT Datasheet
588Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Zibo Seno Electronic En...
MBRF1640CT ZSELEC-MBRF1640CT Datasheet
322Kb / 2P
16.0A SCHOTTKY BARRIER DIODE
logo
SAMYANG ELECTRONICS CO....
MBRF1640CT SAMYANG-MBRF1640CT Datasheet
1Mb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBRF1640CTD

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MBR1020 PANJIT-MBR1020 Datasheet
425Kb / 2P
10 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR2020CT PANJIT-MBR2020CT Datasheet
45Kb / 2P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR1040F PANJIT-MBR1040F Datasheet
96Kb / 2P
10 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR2040CT PANJIT-MBR2040CT Datasheet
87Kb / 2P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR2040FCT PANJIT-MBR2040FCT Datasheet
94Kb / 2P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
DIYI Electronic Technol...
MBR1640CTD DYELEC-MBR1640CTD Datasheet
978Kb / 3P
16 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR20100CTL DYELEC-MBR20100CTL Datasheet
1Mb / 3P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBRF4040CTD DYELEC-MBRF4040CTD Datasheet
879Kb / 3P
40 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
MBR1040CT PANJIT-MBR1040CT_17 Datasheet
180Kb / 4P
10 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR2040DC-AU PANJIT-MBR2040DC-AU_16 Datasheet
195Kb / 5P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com