Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7345 Datasheet(PDF) 49 Page - PMC-Sierra, Inc

Part # PM7345
Description  SATURN USER-NETWORK INTERFACE FOR ATM PLESIOCHRONOUS DIGITAL HIERARCHY DATACOM
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7345 Datasheet(HTML) 49 Page - PMC-Sierra, Inc

Back Button PM7345 Datasheet HTML 45Page - PMC-Sierra, Inc PM7345 Datasheet HTML 46Page - PMC-Sierra, Inc PM7345 Datasheet HTML 47Page - PMC-Sierra, Inc PM7345 Datasheet HTML 48Page - PMC-Sierra, Inc PM7345 Datasheet HTML 49Page - PMC-Sierra, Inc PM7345 Datasheet HTML 50Page - PMC-Sierra, Inc PM7345 Datasheet HTML 51Page - PMC-Sierra, Inc PM7345 Datasheet HTML 52Page - PMC-Sierra, Inc PM7345 Datasheet HTML 53Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 306 page
background image
PM7345 S/UNI-PDH
DATA SHEET
PMC-931011
ISSUE 6
SATURN USER-NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
35
TDLSIG
Input
35
n/a
Transmit Data Link Signal (TDLSIG). In DS3
mode, TDLSIG contains the Path Maintenance Data
Link signal that may be inserted in the C-bit Parity
DS3 stream if the TNETOP bit in the S/UNI-PDH
Data Link Control register is set to logic one. In E3
G.832 mode, TDLSIG contains the NR or GC data
link signal, as selected by the TNETOP bit, that may
be inserted in the transmit G.832 E3 stream. In E3
G.751 mode, TDLSIG contains the National Use bit
that may be inserted in the G.751 E3 stream if the
TNETOP bit is set to logic one. TDLSIG is sampled
on the rising edge of TDLCLK. TDLSIG contains an
integral pull-up resistor.
TDLCLK
Output
36
n/a
Transmit Data Link Clock (TDLCLK). TDLCLK is
active when a DS3 or E3 G.751 stream is being
processed, if the TNETOP bit in the S/UNI-PDH
Data Link Control register is set to logic one.
TDLCLK is active when an E3 G.832 stream is
being processed, independent of the TNETOP bit.
TPOHCLK
Output
42
46
Transmit PLCP Overhead Clock (TPOHCLK).
TPOHCLK is active when PLCP processing is
enabled. TPOHCLK is nominally a 26.7 kHz clock
for a DS1 PLCP frame, a 768 kHz clock for a DS3
PLCP frame, a 33.7 kHz clock for an E1 based
PLCP frame, and a 576 kHz clock for an G.751 E3
based PLCP frame. TPOHFP is updated on the
falling edge of TPOHCLK. TPOH, and TPOHINS
are sampled on the rising edge of TPOHCLK.
TPOH
Input
45
49
Transmit PLCP Overhead Data (TPOH). TPOH
contains the PLCP path overhead octets (Zn, F1,
B1, G1, M1, M2, and C1) which may be inserted in
the transmit PLCP frame. The octet data on TPOH
is shifted in order from the most significant bit (bit 1)
to the least significant bit (bit 8).TPOH is sampled
on the rising edge of TPOHCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com