Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM642GDK600 Datasheet(PDF) 39 Page - Texas Instruments

Part # TMS320DM642GDK600
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642GDK600 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS320DM642GDK600 Datasheet HTML 35Page - Texas Instruments TMS320DM642GDK600 Datasheet HTML 36Page - Texas Instruments TMS320DM642GDK600 Datasheet HTML 37Page - Texas Instruments TMS320DM642GDK600 Datasheet HTML 38Page - Texas Instruments TMS320DM642GDK600 Datasheet HTML 39Page - Texas Instruments TMS320DM642GDK600 Datasheet HTML 40Page - Texas Instruments TMS320DM642GDK600 Datasheet HTML 41Page - Texas Instruments TMS320DM642GDK600 Datasheet HTML 42Page - Texas Instruments TMS320DM642GDK600 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 178 page
background image
www.ti.com
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200J – JULY 2002 – REVISED AUGUST 2005
Table 2-4. Terminal Functions (continued)
SIGNAL
IPD/
TYPE(1)
DESCRIPTION
IPU(2)
NAME
NO.
VIDEO PORT 0 (VP0) OR McASP0 CONTROL OR McBSP0
VP0D[19]/AHCLKX0(3)
AC12
VP0D[18]/AFSX0(3)
AD12
VP0D[17]/ACLKX0(3)
AB13
VP0D[16]/AMUTE0(3)
AC13
VP0D[15]/
AD13
AMUTEIN0(3)
VP0D[14]/AHCLKR0(3)
AB14
Video port 0 (VP0) data input/output (I/O/Z) or McASP0 control pins (I/O/Z)
VP0D[13]/AFSR0(3)
AC14
[default] and Video port 0 (VP0) data input/output (I/O/Z) or McBSP0 data
VP0D[12]/ACLKR0(3)
AD14
input/output (I/O/Z) [default]
VP0D[11]
AB15
By default, standalone VP0 data input/output pins have no function enabled
VP0D[10]
AC15
I/O/Z
IPD
upon reset. To configure these pins, see the Device Configuration section of this
data sheet.
VP0D[9]
AD15
For more details on the McBSP0 pin functions or the McASP0 control pin
VP0D[8]/CLKR0(3)
AE15
functions, see McBSP0 or McASP0 control sections of this table and the Device
VP0D[7]/FSR0(3)
AB16
Configurations section of this data sheet.
VP0D[6]/DR0(3)
AC16
VP0D[5]/CLKS0(3)
AD16
VP0D[4]/DX0(3)
AE16
VP0D[3]/FSX0(3)
AF16
VP0D[2]/CLKX0(3)
AF17
VP0D[1]
AE18
VP0D[0]
AF18
VP0CLK1
AF12
I/O/Z
IPD
VP0 clock 1 (I/O/Z)
VP0CLK0
AF14
I
IPD
VP0 clock 0 (I)
VP0CTL2
AD17
VP0 control 2 (I/O/Z)
VP0CTL1
AC17
I/O/Z
IPD
VP0 control 1 (I/O/Z)
VP0CTL0
AE17
VP0control 0 (I/O/Z)
TIMER 2
–
No external pins. The timer 2 peripheral pins are not pinned out as external pins.
TIMER 1
Timer 1 output (O/Z)
Boot Configuration: Device endian mode [LENDIAN] (I)
Controls initialization of DSP modes at reset via pullup/pulldown resistors
•
Device Endian mode
TOUT1
B5
O/Z
IPU
0 - Big Endian
1 - Little Endian (default)
For more details on LENDIAN, see the Device Configurations section of this data
sheet.
TINP1
A5
I
IPD
Timer 1 or general-purpose input
TIMER 0
Timer 0 output (O/Z)
Boot Configuration: MAC enable pin [MAC_EN] (I)
The PCI_EN and the MAC_EN pin control the selection (enable/disable) of the
TOUT0
C5
O/Z
IPD
HPI, EMAC, MDIO, and GP0[15:9], or PCI peripherals. The pins work in
conjunction to enable/disable these peripherals.
For more details, see the Device Configurations section of this data sheet.
TINP0
A4
I
IPD
Timer 0 or general-purpose input
Device Overview
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com