Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDUP001 Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # HDUP001
Description  Basic pressure sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

HDUP001 Datasheet(HTML) 1 Page - Sensortechnics GmbH

  HDUP001 Datasheet HTML 1Page - Sensortechnics GmbH HDUP001 Datasheet HTML 2Page - Sensortechnics GmbH HDUP001 Datasheet HTML 3Page - Sensortechnics GmbH HDUP001 Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HDU Series
Basic pressure sensors
1/4
E / 11803 / D
www.first-sensor.com
www.sensortechnics.com
FEATURES
· 100 mbar to 5 bar, 1 to 70 psi
absolute, gage or differential pressure
· DIP housings
· RoHS compliant
EQUIVALENT CIRCUIT
SPECIFICATIONS
Maximum ratings
Supply voltage V
S
+12 V
DC
Lead specifications
Average preheating temperature gradient 2.5 K/s
Soak time
ca. 3 min
Time above 217°C
50 s
Time above 230°C
40 s
Time above 250°C
15 s
Peak temperature
260°C
Cooling temperature gradient
-3.5 K/s
Temperature ranges
Operating
-40 ... 85 °C
Storage
-40 ... 125 °C
Humidity limits (non-condensing)
0 ... 95 %RH
MEDIA COMPATIbILITy
To be used with non-corrosive, non-ionic working
fluids such as clean dry air, dry gases and the like.
+Vout
-Vout
GND1
+Vs
GND2


Similar Part No. - HDUP001

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
HDU MSYSTEM-HDU Datasheet
103Kb / 2P
Space-saving Plug-in Signal Conditioners H-UNIT
logo
Vishay Siliconix
HDU100 VISHAY-HDU100 Datasheet
185Kb / 4P
Ceramic High Voltage Disc Capacitors, Class 1
31-Jan-2006
logo
HITRON ELECTRONICS CORP...
HDU100 HITRON-HDU100 Datasheet
307Kb / 4P
DC-DC CONVERTER 19" COMPATIBLE EUROCARD MULTI-OUTPUT DC-DC CONVERTER 19" COMPATIBLE EUROCARD MULTI-OUTPUT
logo
Total Power Internation...
HDU100-A-10 TOTAL-POWER-HDU100-A-10 Datasheet
427Kb / 4P
DC-DC CONVERTER 19 COMPATIBLE EUROCARD MULTIPLEV OUTPUT 45-100 WATTS SWITCHING MODE POWER SUPPLIES HDU45, HDU60 AND HDU100 SERIES
logo
HITRON ELECTRONICS CORP...
HDU100-A-10 HITRON-HDU100-A-10 Datasheet
307Kb / 4P
DC-DC CONVERTER 19" COMPATIBLE EUROCARD MULTI-OUTPUT DC-DC CONVERTER 19" COMPATIBLE EUROCARD MULTI-OUTPUT
More results

Similar Description - HDUP001

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
RPUM035G6A SENSORTECHNICS-RPUM035G6A Datasheet
219Kb / 5P
Basic pressure sensors
RQUM050D SENSORTECHNICS-RQUM050D Datasheet
157Kb / 4P
Basic pressure sensors
RXUB001A SENSORTECHNICS-RXUB001A Datasheet
267Kb / 7P
Basic pressure sensors
RXUH004D SENSORTECHNICS-RXUH004D Datasheet
186Kb / 4P
Basic low pressure sensors
RZUP015A SENSORTECHNICS-RZUP015A Datasheet
261Kb / 5P
Basic pressure sensors
HMUM100 SENSORTECHNICS-HMUM100 Datasheet
357Kb / 14P
Basic pressure sensors
logo
All Sensors Corporation
DS-0105 ASC-DS-0105 Datasheet
164Kb / 3P
Miniature Basic Pressure Sensors
Rev B
1INCH-D1-BASIC ASC-1INCH-D1-BASIC Datasheet
164Kb / 3P
Miniature Basic Pressure Sensors
1INCH-G-BASIC ASC-1INCH-G-BASIC Datasheet
164Kb / 3P
Miniature Basic Pressure Sensors
5INCH-D2-BASIC ASC-5INCH-D2-BASIC Datasheet
164Kb / 3P
Miniature Basic Pressure Sensors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com