Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDUP005 Datasheet(PDF) 4 Page - Sensortechnics GmbH

Part # HDUP005
Description  Basic pressure sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

HDUP005 Datasheet(HTML) 4 Page - Sensortechnics GmbH

  HDUP005 Datasheet HTML 1Page - Sensortechnics GmbH HDUP005 Datasheet HTML 2Page - Sensortechnics GmbH HDUP005 Datasheet HTML 3Page - Sensortechnics GmbH HDUP005 Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
HDU Series
Basic pressure sensors
4/4
E / 11803 / D
www.first-sensor.com
www.sensortechnics.com
PHySICAL DIMENSIONS AND ELECTRICAL CONNECTION (cont.)
HDU...DF... (DIP, 2 ports same side, differential pressure)
dimensions in mm
first angle projection
Pin
Connection
1
+Vs
2
GND1
3
+Vs
4
-Vout
5
GND2
6
+Vout
Note:
The polarity indicated is for
pressure applied to high
pressure port.
ORDERING INFORMATION
Series
Pressure range
Pressure mode
Housing
Options
Options
HDU
M100
100 mbar
A* Absolute
F* DIP, 2 ports
same side
P Prime grade
M350
350 mbar
D Differential
b001
1 bar
G Gage
Z** DIP, 1 port
axial
b2x5
2.5 bar
b005
5 bar
P001
1 psi
P005
5 psi
P015
15 psi
P030
30 psi
P070
70 psi
* only available from
1 bar/15 psi onwards
* standard for differential
devices, "D"
** standard for absolute
and gage devices,
"A" and "G"
Example:
HDU
b001
G
Z
P
First Sensor reserves the right to make changes to any products herein. First Sensor does not assume any liability arising out of the
application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
11,90
3,41
2,54
5,08
6,23
9,28
0,46
19,50
18,75
7,60
high pressure
port
low pressure
port
4 5 6
3 2 1
pin marking



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com