Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDUP070 Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # HDUP070
Description  Basic pressure sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

HDUP070 Datasheet(HTML) 2 Page - Sensortechnics GmbH

  HDUP070 Datasheet HTML 1Page - Sensortechnics GmbH HDUP070 Datasheet HTML 2Page - Sensortechnics GmbH HDUP070 Datasheet HTML 3Page - Sensortechnics GmbH HDUP070 Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HDU Series
Basic pressure sensors
2/4
E / 11803 / D
www.first-sensor.com
www.sensortechnics.com
PRESSURE SENSOR CHARACTERISTICS
(V
S=5.0 VDC, TA=25 °C, RH=50 %, common mode line pressure = 0 bar, pressure applied to high pressure port)
Part number
Operating pressure Proof pressure1
Full-scale span2
Min.
Typ.
Max.
HDUM100...
0...100 mbar
2 bar
30 mV
60 mV
120 mV
HDUM350...
0...350 mbar
2 bar
40 mV
100 mV
160 mV
HDUB001...
0...1 bar
5 bar
60 mV
100 mV
140 mV
HDUB2x5...
0...2.5 bar
7 bar
60 mV
100 mV
140 mV
HDUB005...
0...5 bar
7 bar
60 mV
100 mV
140 mV
HDUP001...
0...1 psi
30 psi
20 mV
41 mV
83 mV
HDUP005...
0...5 psi
30 psi
39 mV
98 mV
158 mV
HDUP015...
0...15 psi
75 psi
61 mV
103 mV
145 mV
HDUP030...
0...30 psi
100 psi
49 mV
83 mV
116 mV
HDUP070...
0...70 psi
100 psi
58 mV
96 mV
136 mV
Characteristics
Min.
Typ.
Max.
Unit
Zero pressure offset
100 mbar/1 psi devices
-40
0
40
mV
all others
-30
0
30
Temperature effects Offset
1 psi devices
-0.45
-0.22
0
%FSS/°C
(25...85 °C)
100 mbar devices
-0.30
-0.15
0
350 mbar/5 psi devices
-0.20
-0.07
0
all others
-0.1
±0.02
0.1
Span
1 psi devices
-0.35
-0.25
-0.18
100 mbar devices
-0.23
-0.20
-0.18
all others
-0.21
-0.20
-0.17
Bridge impedance
0.20
0.26
0.31
%/°C
Non-linearity3
100 mbar/1 psi devices
±0.5
±1.1
%FSS
all others
±0.1
±0.5
Hysteresi
s4
±0.1
Repeatabilit
y
±0.5
Long term stability5
±0.1
Bridge resistance
2.8
3.3
3.8
kW
Response time6
100
µsec
PERFORMANCE CHARACTERISTICS
(V
S=5.0 VDC, TA=25 °C, RH=50 %, common mode line pressure = 0 bar, pressure applied to high pressure port)
Specification notes:
1. Proof pressure is the maximum pressure which may be applied without causing durable shifts of the electrical parameters
of the sensing element.
2. Full Scale Span (FSS) is the algebraic difference between the output signal for the highest and lowest specified pressure.
3. Non-linearity refers to the best Straight Line fit, measured for offset pressure, full scale pressure and 1/2 full scale pressure.
4. Hysteresis is the maximum output difference at any point within the operating pressure range for increasing and decreasing
pressure.
5. Long term stability over a one year period.
6. Response time for a zero to full scale span pressure step change, 10 to 90 % rise time.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com