Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSOB3x5G Datasheet(PDF) 5 Page - Sensortechnics GmbH

Part # SSOB3x5G
Description  Compensated stainless steel pressure sensors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

SSOB3x5G Datasheet(HTML) 5 Page - Sensortechnics GmbH

  SSOB3x5G Datasheet HTML 1Page - Sensortechnics GmbH SSOB3x5G Datasheet HTML 2Page - Sensortechnics GmbH SSOB3x5G Datasheet HTML 3Page - Sensortechnics GmbH SSOB3x5G Datasheet HTML 4Page - Sensortechnics GmbH SSOB3x5G Datasheet HTML 5Page - Sensortechnics GmbH SSOB3x5G Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5/6
E / 11657 / D
SSO Series
Compensated stainless steel pressure sensors
www.first-sensor.com
www.sensortechnics.com
PHYSICAL DIMENSIONS
SSO...8 (G 1/8 ")
mass: approx. 35 g
dimensions in mm
10.0
21.0
G 1/8
28.50
18.50
6.5
O-ring groove
recommended size 11x2
Ø 19.0
Flexstrip, 50 mm
OPTIONAL PRESSURE FITTING
Other fittings are available on request. Please contact First Sensor.
18
11.5
1/4 NPT
G 1/8
SW 14
SSO...N
(1/4 " NPT fitting for G 1/8 " thread)
A G 1/8 version with spanner flat is available on request. Please contact First Sensor.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com