Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSOB007G Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part # SSOB007G
Description  Compensated stainless steel pressure sensors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

SSOB007G Datasheet(HTML) 3 Page - Sensortechnics GmbH

  SSOB007G Datasheet HTML 1Page - Sensortechnics GmbH SSOB007G Datasheet HTML 2Page - Sensortechnics GmbH SSOB007G Datasheet HTML 3Page - Sensortechnics GmbH SSOB007G Datasheet HTML 4Page - Sensortechnics GmbH SSOB007G Datasheet HTML 5Page - Sensortechnics GmbH SSOB007G Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3/6
E / 11657 / D
SSO Series
Compensated stainless steel pressure sensors
www.first-sensor.com
www.sensortechnics.com
PERFORMANCE CHARACTERISTICS
(I
S = 1.5 mADC, TA = 25 °C)
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z
1
±2
±V
m
y
t
i
r
a
e
n
il
-
n
o
N
2
1
.
0
±2
.
0
±
O
S
F
%
y
t
il
i
b
a
t
a
e
p
e
R
1
0
.
0
±5
7
0
.
0
±
s
i
s
e
r
e
t
s
y
H
2
1
0
.
0
±5
7
0
.
0
±
)
C
°
0
5
.
.
.
0
(
s
t
c
e
f
f
e
l
a
m
r
e
h
T
3
s
e
c
i
v
e
d
r
a
b
m
0
0
2t
e
s
f
f
O7
.
0
±0
.
1
±
n
a
p
S5
.
0
±5
7
.
0
±
s
r
e
h
t
o
ll
at
e
s
f
f
O3
.
0
±5
7
.
0
±
n
a
p
S5
.
0
±5
7
.
0
±
y
t
il
i
b
a
t
s
m
r
e
t
g
n
o
L
4
t
e
s
f
f
O1
.
0
±
n
a
p
S1
.
0
±
e
c
n
a
d
e
p
m
i
t
u
p
n
I
4
k
Ω
e
c
n
a
d
e
p
m
i
t
u
p
t
u
O
5
Specification notes:
1. Only min. values are controlled and guaranteed, max. values are for reference only. Span is the algebraic difference between
the output voltage at full scale pressure and the output at zero pressure. Full scale span is ratiometric to the supply current.
2. Non-linearity is based on Best fit Straight Line from the zero to the full scale pressure. Hysteresis is the maximum output
difference at any point within the operating pressure range for increasing and decreasing pressure.
3. All specifications shown are relative to 25 °C.
4. Long term stability over 1 year.
5. The maximum pressure that can be applied without changing the transducer´s performance or accuracy.
6. The maximum pressure that can be applied to a transducer without rupture of either the sensing element or transducer case.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com