Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSOB020G Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # SSOB020G
Description  Compensated stainless steel pressure sensors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

SSOB020G Datasheet(HTML) 2 Page - Sensortechnics GmbH

  SSOB020G Datasheet HTML 1Page - Sensortechnics GmbH SSOB020G Datasheet HTML 2Page - Sensortechnics GmbH SSOB020G Datasheet HTML 3Page - Sensortechnics GmbH SSOB020G Datasheet HTML 4Page - Sensortechnics GmbH SSOB020G Datasheet HTML 5Page - Sensortechnics GmbH SSOB020G Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2/6
E / 11657 / D
SSO Series
Compensated stainless steel pressure sensors
www.first-sensor.com
www.sensortechnics.com
PRESSURE SENSOR CHARACTERISTICS
(I
S = 1.5 mADC, TA = 25 °C)
r
e
b
m
u
n
t
r
a
Pe
r
u
s
s
e
r
p
g
n
i
t
a
r
e
p
O
n
a
p
s
e
l
a
c
s
-
l
l
u
F
1
.
n
i
M.
p
y
T.
x
a
M
.
.
.
G
0
0
2
M
O
S
S)
i
s
p
1
0
9
.
2
(
r
a
b
m
0
0
2
.
.
.
0V
m
5
4V
m
5
6
.
.
.
G
0
5
3
M
O
S
S)
i
s
p
6
7
0
.
5
(
r
a
b
m
0
5
3
.
.
.
0V
m
0
6V
m
0
1
1
.
.
.
G
0
0
7
M
O
S
S)
i
s
p
5
1
.
0
1
(
r
a
b
m
0
0
7
.
.
.
0V
m
0
7V
m
5
0
1
.
.
.
G
1
0
0
B
O
S
S)
i
s
p
0
5
.
4
1
(
r
a
b
1
.
.
.
0V
m
0
7V
m
0
9
.
.
.
G
2
0
0
B
O
S
S)
i
s
p
1
0
.
9
2
(
r
a
b
2
.
.
.
0V
m
0
7V
m
0
1
1
.
.
.
G
5
x
3
B
O
S
S)
i
s
p
6
7
.
0
5
(
r
a
b
5
.
3
.
.
.
0V
m
0
7V
m
0
9
.
.
.
G
7
0
0
B
O
S
S)
i
s
p
5
.
1
0
1
(
r
a
b
7
.
.
.
0V
m
0
7V
m
0
9
.
.
.
G
0
1
0
B
O
S
S)
i
s
p
0
.
5
4
1
(
r
a
b
0
1
.
.
.
0V
m
0
7V
m
0
3
1
.
.
.
G
0
2
0
B
O
S
S)
i
s
p
1
.
0
9
2
(
r
a
b
0
2
.
.
.
0V
m
0
7V
m
0
2
1
.
.
.
G
5
3
0
B
O
S
S)
i
s
p
6
.
7
0
5
(
r
a
b
5
3
.
.
.
0V
m
0
7V
m
5
1
1
Gage devices
r
e
b
m
u
n
t
r
a
Pe
r
u
s
s
e
r
p
g
n
i
t
a
r
e
p
O
n
a
p
s
e
l
a
c
s
-
l
l
u
F
1
.
n
i
M.
p
y
T.
x
a
M
.
.
.
A
0
0
7
M
O
S
S)
i
s
p
5
1
.
0
1
(
r
a
b
m
0
0
7
.
.
.
0V
m
0
6V
m
0
9
.
.
.
A
1
0
0
B
O
S
S)
i
s
p
0
5
.
4
1
(
r
a
b
1
.
.
.
0V
m
0
6V
m
0
9
.
.
.
A
2
0
0
B
O
S
S)
i
s
p
1
0
.
9
2
(
r
a
b
2
.
.
.
0V
m
0
6V
m
5
9
.
.
.
A
5
x
3
B
O
S
S)
i
s
p
6
7
.
0
5
(
r
a
b
5
.
3
.
.
.
0V
m
0
6V
m
0
9
.
.
.
A
7
0
0
B
O
S
S)
i
s
p
5
.
1
0
1
(
r
a
b
7
.
.
.
0V
m
0
7V
m
5
8
.
.
.
A
0
1
0
B
O
S
S)
i
s
p
0
.
5
4
1
(
r
a
b
0
1
.
.
.
0V
m
0
7V
m
0
2
1
.
.
.
A
0
2
0
B
O
S
S)
i
s
p
1
.
0
9
2
(
r
a
b
0
2
.
.
.
0V
m
0
7V
m
0
3
1
.
.
.
A
5
3
0
B
O
S
S)
i
s
p
6
.
7
0
5
(
r
a
b
5
3
.
.
.
0V
m
0
7V
m
5
0
1
Absolute devices
:
e
t
o
N
.
s
m
e
t
i
k
c
o
t
s
d
e
r
r
e
f
e
r
p
e
r
a
y
e
r
g
n
i
d
e
t
h
g
i
l
h
g
i
h
s
e
c
i
v
e
D
.
y
l
p
p
a
y
a
m
Q
O
M
s
e
c
i
v
e
d
r
e
h
t
o
l
l
a
r
o
F
Custom pressure ranges are available on request. Please contact First Sensor.
r
e
b
m
u
n
t
r
a
Pe
r
u
s
s
e
r
p
g
n
i
t
a
r
e
p
O
n
a
p
s
e
l
a
c
s
-
l
l
u
F
1
.
n
i
M.
p
y
T.
x
a
M
.
.
.
V
0
0
7
M
O
S
S)
i
s
p
5
1
.
0
1
(
r
a
b
m
0
0
7
.
.
.
0
0
7
-V
m
0
6V
m
5
0
1
.
.
.
V
1
0
0
B
O
S
S)
i
s
p
0
5
.
4
1
(
r
a
b
1
.
.
.
1
-V
m
0
6V
m
0
9
.
.
.
V
2
0
0
B
O
S
S)
i
s
p
1
0
.
9
2
(
r
a
b
2
.
.
.
1
-V
m
0
6V
m
0
1
1
.
.
.
V
5
x
3
B
O
S
S)
i
s
p
6
7
.
0
5
(
r
a
b
5
.
3
.
.
.
1
-V
m
0
6V
m
0
9
.
.
.
V
7
0
0
B
O
S
S)
i
s
p
5
.
1
0
1
(
r
a
b
7
.
.
.
1
-V
m
0
6V
m
0
9
.
.
.
V
0
1
0
B
O
S
S)
i
s
p
0
.
5
4
1
(
r
a
b
0
1
.
.
.
1
-V
m
0
6V
m
0
3
1
.
.
.
V
0
2
0
B
O
S
S)
i
s
p
1
.
0
9
2
(
r
a
b
0
2
.
.
.
1
-V
m
0
6V
m
0
2
1
.
.
.
V
5
3
0
B
O
S
S)
i
s
p
6
.
7
0
5
(
r
a
b
5
3
.
.
.
1
-V
m
0
6V
m
5
1
1
Vacuum/gage devices



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com