Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSOB035V Datasheet(PDF) 4 Page - Sensortechnics GmbH

Part # SSOB035V
Description  Compensated stainless steel pressure sensors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

SSOB035V Datasheet(HTML) 4 Page - Sensortechnics GmbH

  SSOB035V Datasheet HTML 1Page - Sensortechnics GmbH SSOB035V Datasheet HTML 2Page - Sensortechnics GmbH SSOB035V Datasheet HTML 3Page - Sensortechnics GmbH SSOB035V Datasheet HTML 4Page - Sensortechnics GmbH SSOB035V Datasheet HTML 5Page - Sensortechnics GmbH SSOB035V Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4/6
E / 11657 / D
SSO Series
Compensated stainless steel pressure sensors
www.first-sensor.com
www.sensortechnics.com
mass: approx. 17 g
dimensions in mm
PHYSICAL DIMENSIONS
SSO...1 (weld ring)
Do not touch diaphragm!
SSO...5 (1/4 " NPT)
mass: approx. 50 g
dimensions in mm
A clearance fit 19H8 with 20 ° phase is recommended for mounting.
7.0
Ø 19.0
+0,00 mm
-0,05 mm
Ø 16.4
3.0
Ø 15.0
Ø 18.4
2.4
O-ring groove
recommended size 15.6 x 1.78
13.0
Flexstrip, 50 mm
10.0
6.0
1/4 NPT
Ø 19.0
Flexstrip, 50 mm
SW 20



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com