Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3685A Datasheet(PDF) 21 Page - ams AG

Part # AS3685A
Description  Ultra Small High Efficiency 1000mA Charge Pump for White LED Flash
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3685A Datasheet(HTML) 21 Page - ams AG

Back Button AS3685A_16 Datasheet HTML 17Page - ams AG AS3685A_16 Datasheet HTML 18Page - ams AG AS3685A_16 Datasheet HTML 19Page - ams AG AS3685A_16 Datasheet HTML 20Page - ams AG AS3685A_16 Datasheet HTML 21Page - ams AG AS3685A_16 Datasheet HTML 22Page - ams AG AS3685A_16 Datasheet HTML 23Page - ams AG AS3685A_16 Datasheet HTML 24Page - ams AG AS3685A_16 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
ams Datasheet
Page 21
[v2-23] 2016-Mar-30
Document Feedback
AS3685A/AS3685B − Detailed Description
Figure 31:
AS3685B Current Settings
Note(s):
1. The on-time for indicator mode is 1
μs, off time 31μs (32μs = 32.25kHz).
Where IISET is:
H-L-H Pulses
on EN1
Mode
ILED
(for RISET =14.2kΩ)
ILED
(for RISET = 10kΩ)
ILED/IISET
EN1=EN2=0
Off
0mA
0%
0 (Off )
0
Indicator
4.7mA average
(=150mA with 1/32 duty
cycle(1) )
6.7mA
(=214mA with 1/32
duty cycle(1) )
52.2
(=ITORCH2ISET/32)
1
2
Torch
41mA
60mA
448
3
85mA
120mA
929
4
129mA
180mA
1410
5
173mA
250mA
1891
6
Flash
217mA
310mA
2371
7
Flash
261mA
370mA
2852
8
305mA
440mA
3333
9
349mA
500mA
3814
10
393mA
560mA
4295
11
437mA
620mA
4776
12
481mA
690mA
5257
13
525mA
750mA
5737
14
569mA
810mA
6218
15
613mA
880mA
6699
16
657mA
940mA
7180
17
700mA
1000mA
7650 (=IFLASH2ISET)
(EQ2)
IISET
VISET
RISET
---------------
1.3V
RISET
---------------
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com