Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTY005D1C Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # PTY005D1C
Description  Precision differential pressure transmitters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

PTY005D1C Datasheet(HTML) 1 Page - Sensortechnics GmbH

  PTY005D1C Datasheet HTML 1Page - Sensortechnics GmbH PTY005D1C Datasheet HTML 2Page - Sensortechnics GmbH PTY005D1C Datasheet HTML 3Page - Sensortechnics GmbH PTY005D1C Datasheet HTML 4Page - Sensortechnics GmbH PTY005D1C Datasheet HTML 5Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BTE5000 / PTE5000 / PTU5000 Series
Precision differential pressure transmitters
1/5
E / 11101 / B
www.first-sensor.com
www.sensortechnics.com
FEATURES
· 25 mbar to 10 bar, 0.3 to 150 psi
differential pressure
· 1...6 V or 4...20 mA output12
· Precision temperature compensated
and calibrated
· Rugged aluminium housing
· Female 1/8" BSP and 1/8" NPT fittings
SPECIFICATIONS10,11
Maximum ratings
Supply voltage
12...32 V
Output current BTE(M)/PTE/PTU5...D1...
Source
20 mA
Sink
10 mA
Output current BTE(M)/PTE/PTU5...D4...
30 mA
Temperature limits
Storage
-40...85 °C
Operating
-25...85 °C
Compensated
0...70°C
Proof pressure2
BTEM5x025... / PTx5000.3...
0.35 bar / 5 psi
BTEM5x070..., BTEM5x350... /
1.4 bar / 20 psi
PTx5001..., PTx5005...
all others
2 x rated pressure
Pressure at any port3
BTEM5x025... / PTx5000.3...
3.5 bar / 50 psi
all others
12 bar / 175 psi
ELECTRICAL CONNECTION
4...20 mA output version
1...6 V output version
MEDIA COMPATIBILITY
Pressure inlet:
Non-corrosive, non-ionic media such as air, dry gases
and the like
Housing:
Aluminium, protection class IP 67 (according to
DIN EN 60529, NEMA 6)1
2
4
3
Vout
Sensor
case
-Vs
+Vs
1
GND
V
12 to 32 V
case
-Vs
Sensor
+Vs
GND
3
4
R L
V
12 to 32 V
1


Similar Part No. - PTY005D1C

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
PTYFR2501 FCI-PTYFR2501 Datasheet
500Kb / 2P
25.0 Amp Y-LEAD TIN CAN AUTO DIODE
PTYFR2502 FCI-PTYFR2502 Datasheet
489Kb / 2P
25.0 Amp Y-LEAD TIN CAN AUTO DIODE High surge current capability
logo
FCI connector
PTYFR2502-2506 FCI-CONNECTOR-PTYFR2502-2506 Datasheet
489Kb / 2P
25.0 Amp Y-LEAD TIN CAN AUTO DIODE
logo
First Components Intern...
PTYFR2504 FCI-PTYFR2504 Datasheet
489Kb / 2P
25.0 Amp Y-LEAD TIN CAN AUTO DIODE High surge current capability
PTYFR2506 FCI-PTYFR2506 Datasheet
489Kb / 2P
25.0 Amp Y-LEAD TIN CAN AUTO DIODE High surge current capability
More results

Similar Description - PTY005D1C

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
BTEL5001D1A SENSORTECHNICS-BTEL5001D1A Datasheet
136Kb / 6P
Precision very low differential pressure transmitters
BTEM2350G1A SENSORTECHNICS-BTEM2350G1A Datasheet
107Kb / 6P
Precision stainless steel pressure transmitters
BTEM50025D1A SENSORTECHNICS-BTEM50025D1A Datasheet
138Kb / 6P
Precision differential pressure transmitters
BTE001G0 SENSORTECHNICS-BTE001G0 Datasheet
93Kb / 6P
Pressure transmitters
BTE6001A0 SENSORTECHNICS-BTE6001A0 Datasheet
122Kb / 8P
Precision stainless steel pressure transmitters
CTEM70010GD0 SENSORTECHNICS-CTEM70010GD0 Datasheet
119Kb / 6P
Miniature pressure transmitters
HYD0X1G4CXSE SENSORTECHNICS-HYD0X1G4CXSE Datasheet
70Kb / 4P
Submersible precision stainless steel pressure transmitters
BTEL5000D1A SENSORTECHNICS-BTEL5000D1A Datasheet
118Kb / 5P
Precision very low differential pressure transmitters
logo
Amphenol Corporation
W30-31E AMPHENOL-W30-31E Datasheet
70Kb / 4P
General Eastern Liquid Differential Pressure Transmitters
M30-03E AMPHENOL-M30-03E Datasheet
87Kb / 4P
General Eastern Differential Pressure Transmitters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com