Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES64 Datasheet(PDF) 2 Page - Ecliptek Corporation

Part # ES64
Description  Temperature Compensated Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

ES64 Datasheet(HTML) 2 Page - Ecliptek Corporation

  ES64 Datasheet HTML 1Page - Ecliptek Corporation ES64 Datasheet HTML 2Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications subject to change without notice.
##
1-800-ECLIPTEK
WWW.ECLIPTEK.COM
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV
.DATE
ECLIPTEK CORP.
OSCILLATOR
ES64
METAL
3.0V or 5.0V
OS37
06/00
PART NUMBERING GUIDE
ES64 25 E V 5 - 12.800M TR
FREQUENCY STABILITY
Two Digit Code Per Table 1
OPERATING TEMP. RANGE
One Letter Code Per Table 1
EXTERNAL/INTERNAL
TRIM OPTIONS
Blank=Internal Trim Only
V=Internal and External Trim, W=External Trim Only
PACKAGING OPTIONS
Blank=Bulk
TR=Tape and Reel
FREQUENCY
SUPPLY VOLTAGE
5=5.0V
DC ±5%
3=3.0V
DC ±5%
*Compliant to EIA 481A
REEL
TAPE
MECHANICAL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
MARKING SPECIFICATIONS
ENVIRONMENTAL/MECHANICAL SPECIFICATIONS
TAPE AND REEL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
SUGGESTED SOLDER PAD LAYOUT
ALL DIMENSIONS IN MILLIMETERS
Pin 1: Voltage Control or No Connect
Pin 2: Ground/Case Ground
Pin 3: Output
Pin 4: Supply Voltage
Tolerance = +0.2
Parameter
Specification
Shock
Random drop on hard wooden plate 3 times from
a height of 30cm.
Vibration
Frequency with an amplitude of 1.5mm
sweeping between 10Hz to 55Hz within 1 minute
(approximately) for 2 hours minimum on each
axis (X, Y and Z) for a total of 6 hours.
M
N
O
P
Q
1.5 MIN
50 MIN
20.2 MIN
13±.2
40 MIN
R
S
T
U
V
QTY/REEL
2.5 MIN
10 MIN
30.4 MAX
360 MAX
24.4+2-0
2000
A
B
C
D
E
F
24±.3
10.75±.1
11.5±.1
4 ±.2
2±.1
F
G
H
J
K
L
12±.2
10.2±.1
1.55+.05
12±.1
.3±.05
2.3±.1
800-ECLIPTEK www.ecliptek.com for latest revision
131
Specifications subject to change without notice.
Line 1: ECLIPTEK
Line 2: ES64 15 A V 5
Supply Voltage 5=5V
DC, 3=3VDC
Pin 1 connection
Blank=No connection
V=Internal Trim and External Trim
W=External Trim Only
Operating Temperature Code (°C)
A= 0 to 50, B= -10 to 60, C= -20 to 70,
D= -30 to 60, E= -30 to 75, F= -35 to 80,
G= -40 to 85
Frequency Stability Code (±ppm)
15=1.5, 20=2.0, 25=2.5, 30=3.0, 35=3.5, 50=5.0
Series Designator
Line 3: XX.XXX M
Frequency in MHz (5 Digits Maximum + Decimal)
Line 4: XX Y ZZ
Week of Year
Last Digit of Year
Ecliptek Manufacturing Identifier



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com