Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMP1307 Datasheet(PDF) 2 Page - Alpha Industries

Part # SMP1307
Description  Very Low Distortion Attenuator Plastic Packaged PIN Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

SMP1307 Datasheet(HTML) 2 Page - Alpha Industries

  SMP1307 Datasheet HTML 1Page - Alpha Industries SMP1307 Datasheet HTML 2Page - Alpha Industries SMP1307 Datasheet HTML 3Page - Alpha Industries SMP1307 Datasheet HTML 4Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 1/01A
Very Low Distortion Attenuator Plastic Packaged PIN Diodes
SMP1307 Series
Series Resistance vs. Current @ 100 MHz
0.01
0.1
1
10
100
Forward Current (mA)
0.1
1
10
100
1000
10000
0125
10
20
100
50
Capacitance vs. Reverse Voltage
0
0.2
0.4
0.6
0.1
0.3
0.5
0.7
0.8
Reverse Voltage (V)
100 MHz
1 MHZ
1 GHz
400
500
600
700
800
900
1000
DC Characteristic
0.01
0.1
1
10
100
Forward Voltage (mV)
0
500
1000
1500
2000
Conductance vs. Frequency
and Reverse Voltage
Frequency (MHz)
0
50
100
150
200
250
300
350
400
0 V
10 V
40 V
Typical Performance Data
RR
R
R
R
IF
-55°C
-15°C
+25°C
+65°C
+100°C
(mA)
(
Ω
Ω)(Ω
Ω)(Ω
Ω)(Ω
Ω)(Ω
Ω)
0.02
2386.0
2360.0
2546.0
2520.0
2440.0
0.10
572.0
598.0
632.0
633.0
639.0
0.30
203.0
219.0
236.0
239.0
242.0
1.00
66.1
71.2
79.3
83.6
85.4
10.00
9.1
10.0
10.9
12.2
12.9
20.00
5.6
6.0
6.6
7.4
7.8
100.00
2.2
2.4
2.6
3.0
3.2
Resistance vs. Temperature @ 100 MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com