Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2876T Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2876T
Description  Overture??Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2876T Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM2876T Datasheet HTML 3Page - National Semiconductor (TI) LM2876T Datasheet HTML 4Page - National Semiconductor (TI) LM2876T Datasheet HTML 5Page - National Semiconductor (TI) LM2876T Datasheet HTML 6Page - National Semiconductor (TI) LM2876T Datasheet HTML 7Page - National Semiconductor (TI) LM2876T Datasheet HTML 8Page - National Semiconductor (TI) LM2876T Datasheet HTML 9Page - National Semiconductor (TI) LM2876T Datasheet HTML 10Page - National Semiconductor (TI) LM2876T Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Equivalent Schematic (excluding active protection circuitry) (Continued)
External Components Description (Continued)
(
Figures 1, 2)
Components
Functional Description
12.
R
M
Mute resistance set up to allow 0.5 mA to be drawn from pin 8 to turn the muting function off.
→ R
M is calculated using: RM ≤ (|VEE| − 2.6V)/I8 where I8 ≥ 0.5 mA. Refer to the Mute Attenuation vs
Mute Current curves in the Typical Performance Characteristics section.
13.
C
M
Mute capacitance set up to create a large time constant for turn-on and turn-off muting.
14.
R
SN
(Note 15)
Works with C
SN to stabilize the output stage by creating a pole that eliminates high frequency oscillations.
15.
C
SN
(Note 15)
Works with R
SN to stabilize the output stage by creating a pole that eliminates high frequency oscillations.
f
c = 1/(2πRSNCSN)
16.
L
(Note 15)
Provides high impedance at high frequecies so that R may decouple a highly capacitive load and reduce
the Q of the series resonant circuit due to capacitive load. Also provides a low impedance at low
frequencies to short out R and pass audio signals to the load.
17.
R
(Note 15)
18.
C
S
Provides power supply filtering and bypassing.
19.
S1
Mute switch that mutes the music going into the amplifier when opened.
Note 15: Optional components dependent upon specific design requirements. Refer to the Application Information section for more information.
OPTIONAL EXTERNAL COMPONENT INTERACTION
Although the optional external components have specific desired functions that are designed to reduce the bandwidth and elimi-
nate unwanted high frequency oscillations they may cause certain undesirable effects when they interact. Interaction may occur
for components whose reactances are in close proximity to one another. One example would be the coupling capacitor, C
C, and
the compensation capacitor, Cf. These two components act as low impedances to certain frequencies which will couple signals
from the input to the output. Please take careful note of basic amplifier component functionality when designing in these compo-
nents.
The optional external components shown in
Figure 2 and described above are applicable in both single and split voltage supply
configurations.
Typical Performance Characteristics
Safe Area
DS011775-17
SPiKe
Protection Response
DS011775-18
Supply Current vs
Supply Voltage
DS011775-19
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com