Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1391 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 2SD1391
Description  RF & MICROWAVE TRANSISTORS UHF BASE STATION APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2SD1391 Datasheet(HTML) 2 Page - STMicroelectronics

  2SD1391 Datasheet HTML 1Page - STMicroelectronics 2SD1391 Datasheet HTML 2Page - STMicroelectronics 2SD1391 Datasheet HTML 3Page - STMicroelectronics 2SD1391 Datasheet HTML 4Page - STMicroelectronics 2SD1391 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
STATIC
DYNAMIC
ELECTRICAL SPECIFICATIONS (Tcase
= 25°C)
S ym bol
T e s t Conditio ns
Va lu e
Un it
Min .
T yp .
Ma x.
POUT
f
= 470 MHz PIN =6.3 W
VCC
= 24V
ICQ =50 mA
15
——W
ηC
f
= 470 MHz PIN =6.3 W
VCC
= 24V
ICQ =50 mA
50
60
%
RTL
f
= 470 MHz PIN =6.3 W
VCC
= 24V
ICQ =50 mA
10
—
dB
COB
f
= 1 MHz
VCB
= 24 V
——
24
pF
S ym bol
Te s t Conditio ns
Va lu e
Un it
Min .
Typ .
Ma x.
BVCBO
IC
= 50 mA
IE
= 0mA
48
—
—
V
BVCEO
IC
= 20 mA
IB
= 0mA
25
—
—
V
BVEBO
IE
= 5mA
IC
= 0mA
3.5
—
—
V
ICBO
VCB
= 24 V
IE
= 0mA
—
—
1.0
mA
hFE
VCE
= 10 V
IC
= 0.1 A
10
—
100
—
SD1391
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com