Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIM6813M Datasheet(PDF) 3 Page - Sanken electric

Part # SIM6813M
Description  High Voltage 3-Phase Motor Driver ICs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SIM6813M Datasheet(HTML) 3 Page - Sanken electric

  SIM6813M Datasheet HTML 1Page - Sanken electric SIM6813M Datasheet HTML 2Page - Sanken electric SIM6813M Datasheet HTML 3Page - Sanken electric SIM6813M Datasheet HTML 4Page - Sanken electric SIM6813M Datasheet HTML 5Page - Sanken electric SIM6813M Datasheet HTML 6Page - Sanken electric SIM6813M Datasheet HTML 7Page - Sanken electric SIM6813M Datasheet HTML 8Page - Sanken electric SIM6813M Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
SANKEN ELECTRIC CO., LTD.
SIM6800M-DS
Ver. 02
High Voltage 3-Phase Motor Driver ICs
SIM6800M Series
SIM6812M and SM6813M Absolute Maximum Ratings, valid at TA = 25°C
Characteristic
Symbol
Remarks
Rating
Unit
MOSFET Breakdown Voltage
VDSS
ID = 100 μA
500
V
Logic Supply Voltage
VCC
Between VCC and COM
20
V
Bootstrap Voltage
VBS
Between VB and HS (U,V, and W phases)
20
V
Output Current, Continuous
IO
SIM6812M TC = 25°C
2.5
A
SIM6813M TC = 25°C
3.0
A
Output Current, Pulsed
IOP
SIM6812M PW ≤ 100 μs, duty cycle = 1%
3.75
A
SIM6813M PW ≤ 100 μs, duty cycle = 1%
4.5
A
Input Voltage
VIN
HINx, LINx, and OCP pins
–0.5 to 7
V
Thermal Resistance (Junction to Case)
RθJC(IGBT) All elements operating
3.6
°C/W
Thermal Resistance (Junction to Ambient) RθJA(IGBT) All elements operating
25
°C/W
Case Operating Temperature
TCOP
–20 to 100
°C
Storage Temperature
Tstg
–40 to 150
°C
Isolation Voltage
Viso
Between marked side of device and each pin, 1 minute, AC
1500
Vrms
SIM6822M and SIM6827M Absolute Maximum Ratings, valid at TA = 25°C
Characteristic
Symbol
Remarks
Rating
Unit
Supply Voltage
VDC
Between VBB and LS1, LS2, and LS3
450
V
Supply Voltage (Surge)
VDC(Surge) Between VBB and LS1, LS2, and LS3
500
V
IGBT Breakdown Voltage
VCES
IC = 1 mA
600
V
Logic Supply Voltage
VCC
Between VCC and COM
20
V
Bootstrap Voltage
VBS
Between VB and HS (U,V, and W phases)
20
V
Output Current, Continuous
IO
5.0
A
Output Current, Pulsed
IOP
PW ≤ 100 μs, duty cycle = 1%
7.5
A
Input Voltage
VIN
HINx, LINx, and OCP pins
–0.5 to 7
V
Thermal Resistance (Junction to Case)
RθJC(IGBT) IGBT, all elements operating
3.6
°C/W
RθJC(FRG) FRG, all elements operating
4.2
°C/W
Thermal Resistance (Junction to Ambient)
RθJA(IGBT) IGBT, all elements operating
25
°C/W
RθJA(FRG) FRG, all elements operating
29
°C/W
Case Operating Temperature
TCOP
–20 to 100
°C
Storage Temperature
Tstg
–40 to 150
°C
Isolation Voltage
Viso
Between marked side of device and each pin, 1 minute, AC
1500
Vrms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com