Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10TTS08STRL Datasheet(PDF) 2 Page - International Rectifier

Part # 10TTS08STRL
Description  SURFACE MOUNTABLE PHASE CONTROL SCR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

10TTS08STRL Datasheet(HTML) 2 Page - International Rectifier

  10TTS08STRL Datasheet HTML 1Page - International Rectifier 10TTS08STRL Datasheet HTML 2Page - International Rectifier 10TTS08STRL Datasheet HTML 3Page - International Rectifier 10TTS08STRL Datasheet HTML 4Page - International Rectifier 10TTS08STRL Datasheet HTML 5Page - International Rectifier 10TTS08STRL Datasheet HTML 6Page - International Rectifier 10TTS08STRL Datasheet HTML 7Page - International Rectifier 10TTS08STRL Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
10TTS08S
SAFEIR Series
Preliminary Data Sheet I2145 12/97
V
RRM
, maximum
V
DRM
, maximum
I
RRM/
I
DRM
Part Number
peak reverse voltage
peak direct voltage
125°C
VV
mA
10TTS08S
800
800
1.0
Voltage Ratings
I
T(AV)
Max.AverageOn-stateCurrent
6.5
A
@ T
C
=112°C,180°conductionhalfsinewave
I
T(RMS)
Max.RMSOn-stateCurrent
10
I
TSM
Max.PeakOneCycleNon-Repetitive
120
A
10msSinepulse,ratedV
RRMapplied,TJ= 125°C
SurgeCurrent
140
10msSine pulse,novoltagereapplied,T
J
= 125°C
I2t
Max. I2t for fusing
72
A2s
10msSinepulse,ratedV
RRM
applied,T
J
= 125°C
100
10msSinepulse,novoltagereapplied,T
J
= 125°C
I2
√t Max. I2√t for fusing
1000
A2
√s
t = 0.1 to 10ms, no voltage reapplied,T
J
= 125°C
V
TM
Max.On-stateVoltageDrop
1.15
V
@ 6.5A, T
J
= 25°C
r
t
On-state slope resistance
17.3
m
Ω
T
J
= 125°C
V
T(TO)
Threshold Voltage
0.85
V
I
RM
/I
DM
Max.Reverse and Direct
0.05
mA
T
J
= 25 °C
Leakage Current
1.0
T
J = 125 °C
I
H
Typ. Holding Current
30
mA
Anode Supply = 6V, Resistive load, Initial I
T
=1A
I
L
Max. Latching Current
50
mA
Anode Supply = 6V, Resistive load
dv/dt Max. rate of rise of off-state Voltage
150
V/µs
T
J
= 25°C
di/dt
Max. rate of rise ofturned-onCurrent
100
A/µs
Absolute Maximum Ratings
Parameters
10TTS08S Units
Conditions
V
R
= rated V
RRM
/ V
DRM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com